Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 12Page - ams-OSRAM AG AS3715 Datasheet HTML 13Page - ams-OSRAM AG AS3715 Datasheet HTML 14Page - ams-OSRAM AG AS3715 Datasheet HTML 15Page - ams-OSRAM AG AS3715 Datasheet HTML 16Page - ams-OSRAM AG AS3715 Datasheet HTML 17Page - ams-OSRAM AG AS3715 Datasheet HTML 18Page - ams-OSRAM AG AS3715 Datasheet HTML 19Page - ams-OSRAM AG AS3715 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 159 page
background image
ams Datasheet
Page 15
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Only in the case the load current gets so small that less than the
minimum ON-time of the PMOS would be needed to keep the
loop in regulation the regulator will enter low power mode
operation and skip pulses during this time. The crossover point
is about ~1% of the DCDC current limit.
Figure 10:
DC/DC Buck Dis-Continuous & Low Power Mode
DC/DC Buck Dis-Continuous & Low Power Mode: Shows the DC/DC switching waveforms of SD3 at about
10mA.
High Efficiency Operation (Default Setting)
Bit settings: sdX_low_noise=0
In this mode there is a minimum coil current necessary before
switching OFF the PMOS. As a result there are less pulses
necessary at low output loads, and therefore the efficiency at
low output load is increased. As drawback this mode increases
the ripple at lower output currents.
The crossover point to low power mode is already reached at
reasonable high output currents (~10% of the DCDC current
limit).
Figure 11:
DC/DC Buck Dis-Continuous Mode & High Efficiency 1/2
DC/DC Buck Dis-Continuous Mode: Shows the DC/DC switching waveforms of SD3 at about 60mA with the
low_noise bit deactivated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com