Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 59 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 59 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 55Page - ams-OSRAM AG AS3715 Datasheet HTML 56Page - ams-OSRAM AG AS3715 Datasheet HTML 57Page - ams-OSRAM AG AS3715 Datasheet HTML 58Page - ams-OSRAM AG AS3715 Datasheet HTML 59Page - ams-OSRAM AG AS3715 Datasheet HTML 60Page - ams-OSRAM AG AS3715 Datasheet HTML 61Page - ams-OSRAM AG AS3715 Datasheet HTML 62Page - ams-OSRAM AG AS3715 Datasheet HTML 63Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 159 page
background image
Page 58
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – System Functions
Reset Reasons
Reset can be activated from 8 different sources:
• VPOR has been reached (VSUP/VBAT rising from scratch)
• VSUP low, ResVoltFall (2.5V) has been reached
• Software forced reset by force_reset
• ONKEY or ENx long press has been detected
• External triggered through the pin XRES
• Over-temperature T140 (die)
• Over-temperature T140 SD4 (sub die)
• Watchdog
Voltage Detection:
There are two types of voltage dependent resets: VPOR and
VRESRISE. VPOR monitors the voltage on V2_5 and VRESRISE
monitors the voltage on VSUP. The linear regulator for V2_5 is
always ON and uses the voltage VUSB/VBAT/VSUP as its source.
The pin XRES is only released if V2_5 is above VPOR, VSUP is
above ResVoltRise.
VRESFALL is only accepted if the reset condition is longer than
VRESMASK. This guard time is used to avoid a complete reset of
the system in case of short drops of VBAT.
Figure 59:
VSUP Supervision
VSUP Supervision: Describes the behavior of the PMIC when VSUP drops below ResVoltFall depending on OTP
bit settings.
SupResEn
power_off_at_vsuplow
auto_off
Behavior if VSUP<ResVoltFall
0
x
x
LowBat interrupt is generated
10
0
Reset cycle is initiated, PMIC will move to “VSUP
debonce” state and start-up if
VSUP>ResVoltRise
10
1
Reset cycle is initiated, PMIC will move to “VSUP
debonce” state and try to start-up if
VSUP>ResVoltRise, if not it will go to the “Power
OFF” state
11
x
Reset cycle is initiated, PMIC will move to
“Power OFF” state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com