Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 2Page - ams-OSRAM AG AS3715 Datasheet HTML 3Page - ams-OSRAM AG AS3715 Datasheet HTML 4Page - ams-OSRAM AG AS3715 Datasheet HTML 5Page - ams-OSRAM AG AS3715 Datasheet HTML 6Page - ams-OSRAM AG AS3715 Datasheet HTML 7Page - ams-OSRAM AG AS3715 Datasheet HTML 8Page - ams-OSRAM AG AS3715 Datasheet HTML 9Page - ams-OSRAM AG AS3715 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
ams Datasheet
Page 5
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Pin Assignments
Figure 4:
Pin Description
Pin #
Pin Name
I/O
Description
Max.
Voltage
If not used
F6
SDA
DI
SPI digital input in SPI mode; Data IO in I²C
mode.
VSUP
Open
H3
SCL
DI
SPI clock input in SPI mode; SCK input in I²C
mode.
VSUP
Open
H4
ONKEY
DI
Input pin to startup with pull-down
5.5V
Define level
J2
XRES
DIO
IO pin for reset during active state
VSUP
Define level
F1
V2_5
AO
Output voltage of low power LDO V2_5
3.6V
Mandatory
F3
CREF
AIO
Bypass capacitor for the internal voltage
reference; connect 100nF
1.8V
Mandatory
J3
VSUP_GPIO
S
Supply pin for GPIOs (connect to other VSUP
pins)
5.5V
Mandatory
F7
VSS_ANA
AIO
Analog sense GND input (connect to VSSA
on PCB)
-Mandatory
G5
GPIO1
DIO
General purpose input/output pin
VSUP
Open
G4
GPIO2
DIO
General purpose input/output pin
VSUP
Open
H2
GPIO3
DIO
General purpose input/output pin
VSUP
Open
J1
GPIO4
DIO
General purpose input/output pin
VSUP
Open
G3
GPIO5
DIO
General purpose input/output pin
VSUP
Open
F5
GPIO6
DIO
General purpose input/output pin
VSUP
Open
F4
GPIO7
DIO
General purpose input/output pin
VSUP
Open
B4
GPIO8
DIO
General purpose input/output pin
VSUP
Open
C6
EN1
DI
Input pin to startup with pull-down
5.5V
Open
B5
EN2
DI
Input pin to startup with pull-down
5.5V
Open
E7
EN3
DI
Input pin to startup with pull-down
5.5V
Open
D6
EN4
DI
Input pin to startup with pull-down
5.5V
Open
G2
VIN_LDO123
S
Supply pad for LDOs
5.5V
Mandatory
B3
VIN_LDO456
S
Supply pad for LDOs
5.5V
Mandatory
H5
VIN_LDO78
S
Supply pad for LDOs
5.5V
Mandatory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com