Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 36Page - ams-OSRAM AG AS3715 Datasheet HTML 37Page - ams-OSRAM AG AS3715 Datasheet HTML 38Page - ams-OSRAM AG AS3715 Datasheet HTML 39Page - ams-OSRAM AG AS3715 Datasheet HTML 40Page - ams-OSRAM AG AS3715 Datasheet HTML 41Page - ams-OSRAM AG AS3715 Datasheet HTML 42Page - ams-OSRAM AG AS3715 Datasheet HTML 43Page - ams-OSRAM AG AS3715 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 159 page
background image
ams Datasheet
Page 39
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Charge Pump
Description
• The Charge Pump uses the external flying capacitor to
generate output voltages higher than the battery voltage.
The output voltage is up to 2 times VSUP (without load),
but is limited to VCPOUTmax all the time
• VSUP current = 2 times output current
Parameter
Figure 40:
Charge Pump Parameter
CP Parameter: Shows the key electrical parameter of the 5V charge pump.
Figure 41:
CP External Components
CP External Components: Shows the external component parameter of the 5V charge pump.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICPOUT
Output Current
0
60
mA
VCPOUT
Output Voltage
VSUP = 3.4V min, ICPOUT=55mA max
4.8
5.3
V
VCPOUTmax
Output Voltage
Including output ripple
5.6
V
RCP
Effective Charge Pump
Output Resistance
VSUP = 3.0V
31
Ω
ISHUTDOWN
Shutdown Current
Typ. value for 25°C,
max. value for 85°C
0.015
1
μA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cout
Output capacitor
Ceramic,
±20%; capacitor between
V5_0 and VSS_CP
4.7
μF
CFLY
Flying capacitor
Ceramic,
±20%; capacitor between
CAPP and CAPN
470
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com