Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 56 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 56 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 52Page - ams-OSRAM AG AS3715 Datasheet HTML 53Page - ams-OSRAM AG AS3715 Datasheet HTML 54Page - ams-OSRAM AG AS3715 Datasheet HTML 55Page - ams-OSRAM AG AS3715 Datasheet HTML 56Page - ams-OSRAM AG AS3715 Datasheet HTML 57Page - ams-OSRAM AG AS3715 Datasheet HTML 58Page - ams-OSRAM AG AS3715 Datasheet HTML 59Page - ams-OSRAM AG AS3715 Datasheet HTML 60Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 159 page
background image
ams Datasheet
Page 55
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
Start-Up
Figure 56:
Start-Up Flow Chart
Start-Up Flow Chart: Shows the main state transitions during start-up.
Detailed Description – System
Functions
power_of f=1 OR
(VSUP<ResVoltFall &&
power_of f_at_vsuplow) OR
(onkey_lpress_reset=0 &&
ONKEY lpress)
OFF delay
wait off_dela y
E
Reset all Registers
Switch off Regulators
reset registers and reloa d
fuse s 0xA0 to 0xAB
z
RUN startup sequence
regu lator startup sequnece GPIO
programming during seque nce
star tup de lay pro grammable
set sdX_sequ_on=1 or
ldoX_sequ_on=1 if re gulator
selecte d d uring startup
RESET Timer
regulator startup exe cuted
waiting time to re lease X RES p in
10..150ms
ACTIVE state
XRES=1
GPIOx=1
if GPIOx_iosf=6 or
standby_mode_on=1
OFF delay
wait off_dela y
E
Sequence Down
force o ff all re gulators
not in the sequen ce;
sequen ce down inverse to
star t-up sequence;
STAND-BY state
V2_5 stays a ctive,
all regu lato rs with
regX_stby_on=1 ena bled
any
interrupt applied or
ONKEY=1 or
ENx=1
power_of f=1
or f orce_reset=1
or (XRES is low
if stdby_reset_disable=1)
or (VSUP<ResVoltFall &&
SupResEn=1) or
Die temp>140°C or
SD4 overtemp
E
E
z
z
remove „stand-by force off “
of all regulat ors
Die
temp>140°C
z
power_of f=1
or f orce_reset=1
or XRES is low or
ONKEY lpress
E
OFF delay
wait off_dela y
z
die temp
>110°C
E
z
E
any state
Start-Up
Battery or Charge r in ser tion
1. V2_5 power up
2. Reado ut ROM fuse
auto_of f=1
POWER OFF state
V2_5 power up
Qui escent cur rent < 10uA
Pin ONKE Y
deb ounce time=20mse c
z
ONKEY=RISI NG OR
ENx=RISI NG OR
(chdet=1 && chg_pwr_of f_en=0)
OR (chdet_rise &&
chg_pwr_of f_en=1)
E
z
VSUP debounce state
Measuring VS UP
Qui esent current ~200uA
E
5ms &&
VSUP>ResVoltRise
auto_of f=1 or
power_of f_at_vsuplow=1
N
E
ONKEY=1 or
Charge det ect =1
z
E
VSUP<ResVoltFall
for more than 500ms
z
E
z
z
SD4 overtemp or
Die temp>140°C or
(VSUP<ResVoltFall &&
SupResEn=1)
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com