Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 29Page - ams-OSRAM AG AS3715 Datasheet HTML 30Page - ams-OSRAM AG AS3715 Datasheet HTML 31Page - ams-OSRAM AG AS3715 Datasheet HTML 32Page - ams-OSRAM AG AS3715 Datasheet HTML 33Page - ams-OSRAM AG AS3715 Datasheet HTML 34Page - ams-OSRAM AG AS3715 Datasheet HTML 35Page - ams-OSRAM AG AS3715 Datasheet HTML 36Page - ams-OSRAM AG AS3715 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 159 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Figure 34:
Low Power LDO External Components
Low Power LDO External Components: Shows the external component parameter of the low power V2_5 linear
regulator.
DCDC Step-up Converter
Description
The DC/DC Step Up converter is a high efficiency current mode
PWM regulator, which provides an output voltage dependent
on the maximum VDS voltage of the external transistor, and
maximum load current selectable by the external shunt resistor.
For Example:
• 5V, 0.5-1A @ 1Mhz
• 25V, 50mA @ 1MHz
• 40V, 20mA @ 500kHz
A constant switching frequency results in a low noise on supply
and output voltage.
Three feedback regulation modes are supported:
• Current feedback (all three current sinks can be selected)
• Current feedback with automatic feedback selection
• Voltage feedback
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CV2_5
Output capacitor
Ceramic X5R or X7R
0.7
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com