Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 49Page - ams-OSRAM AG AS3715 Datasheet HTML 50Page - ams-OSRAM AG AS3715 Datasheet HTML 51Page - ams-OSRAM AG AS3715 Datasheet HTML 52Page - ams-OSRAM AG AS3715 Datasheet HTML 53Page - ams-OSRAM AG AS3715 Datasheet HTML 54Page - ams-OSRAM AG AS3715 Datasheet HTML 55Page - ams-OSRAM AG AS3715 Datasheet HTML 56Page - ams-OSRAM AG AS3715 Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 159 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Figure 52:
USB Input Selection
Dual Power Path Diagram: Shows the priority of the charger input depending on en_usb2 setting and the
charger input voltages
Parameter
Figure 53:
Charger Parameter
VUSB2 > VBAT+VCHMIN and
VUSB2 > 3.95V
VUSB2 < VBAT+VCHMIN or
VUSB2 < 3.95V
en_usb2=0
VUSB1 > VBAT+VCHMIN and
VUSB1 > 3.95V
Device is powered from VUSB1
VUSB1 < VBAT+VCHMIN or
VUSB1 < 3.95V
No charge
No charge
en_usb2=1
VUSB1 > VBAT+VCHMIN and
VUSB1 > 3.95V
Device is powered from VUSB1
VUSB1 < VBAT+VCHMIN or
VUSB1 < 3.95V
Device is powered from VUSB2
No charge
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCHDET
Charger Detection
threshold
VUSB-VBAT
Hysteresis is > 40mV
50
75
105
mV
VCHMIN
020
35
mV
VSOFT
Apply ISOFT charging
current below that VBAT
voltage
1.8
V
ISOFT
Charging current if VBAT is
below VSOFT
22
mA
VTRICKLE
Trickle to CC current
threshold
VBAT rising
2.9
V
ITRICKLE
Trickle/EOC current limit
Programmable in 60mA steps
60..
240
mA
VCHOFF
Charge termination
threshold
Programmable in 20mV steps
between 3.5 and 4.44V
3.5..
4.44
V
@ ChVoltEOC=35 (4.2V)
4.15
4.20
4.242
V
@ ChVoltEOC= 47 (4.34V)
4.29
4.34
4.38
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com