Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 16Page - ams-OSRAM AG AS3715 Datasheet HTML 17Page - ams-OSRAM AG AS3715 Datasheet HTML 18Page - ams-OSRAM AG AS3715 Datasheet HTML 19Page - ams-OSRAM AG AS3715 Datasheet HTML 20Page - ams-OSRAM AG AS3715 Datasheet HTML 21Page - ams-OSRAM AG AS3715 Datasheet HTML 22Page - ams-OSRAM AG AS3715 Datasheet HTML 23Page - ams-OSRAM AG AS3715 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 159 page
background image
ams Datasheet
Page 19
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Figure 15:
DC/DC Buck SD1 3.7V Efficiency vs. Iout
Figure 16:
DC/DC Buck SD2/3 3.7V Efficiency vs. Iout
DC/DC Buck SD1 Efficiency: Shows
efficiency of the internal SD1 buck
converter @ 0.6V, 1.2V & 3.4V with
VSUP=3.7V, 2.7MHz operation with
TFM252010 1uH coils and TA=25°C .
DC/DC Buck SD2/3 Efficiency: Shows
efficiency of the internal SD2/3 buck
converter @ 0.6V, 1.8V & 3.4V with
VSUP=3.7V, 2.7MHz operation with
TFM252010 1uH coils and TA=25°C.
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
Output Current (A)
AS3715 - SD1 3V7-0.6V TFM252010GHM-1R0M (2.7MHz)
AS3715 - SD1 3V7-1.2V TFM252010GHM-1R0M (2.7MHz)
AS3715 - SD1 3V7-3.4V TFM252010GHM-1R0M (2.7MHz)
AS3715 - SD1 3V7-0.6V TFM252010GHM-1R0M (2.7MHz, low noise)
AS3715 - SD1 3V7-1.2V TFM252010GHM-1R0M (2.7MHz, low noise)
AS3715 - SD1 3V7-3.4V TFM252010GHM-1R0M (2.7MHz, low noise)
40
45
50
55
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
Output Current (A)
AS3715 - SD2 3V7-0.6V TFM252010GHM-1R0M (2.7MHz)
AS3715 - SD2 3V7-1.8V TFM252010GHM-1R0M (2.7MHz)
AS3715 - SD2 3V7-3.4V TFM252010GHM-1R0M (2.7MHz)
AS3715 - SD2 3V7-0.6V TFM252010GHM-1R0M (2.7MHz, low noise)
AS3715 - SD2 3V7-1.8V TFM252010GHM-1R0M (2.7MHz, low noise)
AS3715 - SD2 3V7-3.4V TFM252010GHM-1R0M (2.7MHz, low noise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com