Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 51Page - ams-OSRAM AG AS3715 Datasheet HTML 52Page - ams-OSRAM AG AS3715 Datasheet HTML 53Page - ams-OSRAM AG AS3715 Datasheet HTML 54Page - ams-OSRAM AG AS3715 Datasheet HTML 55Page - ams-OSRAM AG AS3715 Datasheet HTML 56Page - ams-OSRAM AG AS3715 Datasheet HTML 57Page - ams-OSRAM AG AS3715 Datasheet HTML 58Page - ams-OSRAM AG AS3715 Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 159 page
background image
Page 54
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Figure 54:
Charger Efficiency and Input Current
Charger Efficiency and Input Current: Shows the efficiency of the charger in step-down and linear mode as well
as the current from the charger input in both modes for 1A charging current.
Figure 55:
Charger Power Dissipation
Charger Power Dissipation: Shows the
power dissipation of the charger in
step-down and linear mode for 1A
charging current.
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
12345
Battery Voltage (V)
SD charger 4.5V
linear charger 4.5V
SD charger 5V
linear charger 5V
0
0.2
0.4
0.6
0.8
1
1.2
1
2345
Battery Voltage (V)
SD charger 4.5V
linear charger 4.5V
SD charger 5V
linear charger 5V
0
0.5
1
1.5
2
2.5
1234
5
Battery Voltage (V)
SD charger 4.5V
linear charger 4.5V
SD charger 5V
linear charger 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com