Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 70 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 70 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 66Page - ams-OSRAM AG AS3715 Datasheet HTML 67Page - ams-OSRAM AG AS3715 Datasheet HTML 68Page - ams-OSRAM AG AS3715 Datasheet HTML 69Page - ams-OSRAM AG AS3715 Datasheet HTML 70Page - ams-OSRAM AG AS3715 Datasheet HTML 71Page - ams-OSRAM AG AS3715 Datasheet HTML 72Page - ams-OSRAM AG AS3715 Datasheet HTML 73Page - ams-OSRAM AG AS3715 Datasheet HTML 74Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 159 page
background image
ams Datasheet
Page 69
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
Parameter
Figure 71:
GPIO Pin Characteristics
GPIO Pin Characteristics: Shows the key electrical parameter of the GPIO pins. VSUP=2.7 to 5.5V; Tamb = -20 to
70°C; unless otherwise mentioned.
Supervisor
All LDO’s, the DCDC step ups and DCDC step downs have an
integrated over-current protection.
An over-temperature protection of the chip is also integrated
which can be switched ON with the serial interface signal
temp_pmc_on (enabled by default; it is not recommended to
disable the over-temperature protection).
Temperature Supervision (Main Die)
The chip has two signals for the serial interface: ov_temp_110
and ov_temp_140. The flag ov_temp_110 is automatically reset
if the over-temperature condition is removed, whereas
ov_temp_140 has to be reset by the serial interface with the
signal rst_ov_temp_140.
If the flag ov_temp_140 is set, an automatic reset of the
complete chip is initiated. The chip will only start-up when the
temperature falls below the T110 level (including hysteresis).
The flag ov_temp_140 is not affected by this reset cycle allowing
the software to detect the reason for this unexpected
shutdown.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Low level output voltage
IOL=1mA; digital output
–0.3
0.4
V
VOH
High level output voltage
IOH=–1mA; digital
push-pull output
0.8
VSUP_G
PIO
VSUP_G
PIO
V
VIL
Low level input voltage
Digital input
–0.3
0.4
V
VIH
High level input voltage
Digital input
1.4
VSUP_G
PIO
V
ILEAKAGE
Leakage current
High impedance
10
μA
Rpull-up
Pull-up resistance
If enabled;
VSUP_GPIO=3.6V
300
kΩ
Rpull-down
Pull-down resistance
If enabled;
VSUP_GPIO=3.6V
300
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com