Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 72 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 72 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 68Page - ams-OSRAM AG AS3715 Datasheet HTML 69Page - ams-OSRAM AG AS3715 Datasheet HTML 70Page - ams-OSRAM AG AS3715 Datasheet HTML 71Page - ams-OSRAM AG AS3715 Datasheet HTML 72Page - ams-OSRAM AG AS3715 Datasheet HTML 73Page - ams-OSRAM AG AS3715 Datasheet HTML 74Page - ams-OSRAM AG AS3715 Datasheet HTML 75Page - ams-OSRAM AG AS3715 Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 159 page
background image
ams Datasheet
Page 71
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
Interrupt Generation
Description
The interrupt controller generates an interrupt request for the
host controller as soon as one or more of the bits in the Interrupt
1 to 3 register are set by pulling high pin INT (INT has to be
selected as GPIO output function). The output polarity can be
changed to active low (XINT ) by using the gpioX_invert bit of
the selected GPIO. All the interrupt sources can be enabled in
the Interrupt Mask 1 to 3 register. The Interrupt 1 to 3 registers
are cleared automatically after the host controller has read
them. To prevent the AS3715 device from losing an interrupt
event, the register that is read is captured before it is
transmitted to the host controller via the serial interface. As
soon as the transmission of the captured value is complete a
logical AND operation with the bit wise inverted captured value
is applied to the register to clear all interrupt bits that have
already been transmitted. Clearing the read interrupt bits takes
2 clock cycles, a read access to the same register before the
clearing process has completed will yield a value of ‘0’. Note that
an interrupt that has been present at the previous read access
will be cleared as well in case it occurs again before the clearing
process has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com