Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 6Page - ams-OSRAM AG AS3715 Datasheet HTML 7Page - ams-OSRAM AG AS3715 Datasheet HTML 8Page - ams-OSRAM AG AS3715 Datasheet HTML 9Page - ams-OSRAM AG AS3715 Datasheet HTML 10Page - ams-OSRAM AG AS3715 Datasheet HTML 11Page - ams-OSRAM AG AS3715 Datasheet HTML 12Page - ams-OSRAM AG AS3715 Datasheet HTML 13Page - ams-OSRAM AG AS3715 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 159 page
background image
ams Datasheet
Page 9
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under
Electrical Characteristics is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
Supply Voltage to Ground
30V pins
-0.5
32
V
Applicable for pins VUSB, CURR1/2/3
Supply Voltage to Ground
15V pins
-0.5
17
V
Applicable for pins XOFF
Supply Voltage to Ground
5V pins
-0.5
7.0
V
Applicable for pins VSUP_SDx,
VSUP_GPIO, VSUP_ANA, VIN_LDOx,
LDOx, GPIOx, LX_SDx, GATE_SU,
SENSEP/N XRES, SCL, SDA, ONKEY,
ENx, VIBAT, VEBAT, E/IBATSW,
CTRLx_SD4, CHGIN1/2
Supply Voltage to Ground
3V pins
-0.5
5.0
V
Applicable for pins V2_5, CREF,
FB_SDx, FB_SU, TEMP_SD4, BATTEMP
Voltage Difference
between Ground Terminals
-0.3
0.3
V
Applicable for pins VSSx, VSSA
ISCR
Input Current (latch-up
immunity)
-100
100
mA
Norm: JEDEC JESD78
Continuous Power Dissipation (TA = 70°C)
PT
Continuous power
dissipation
1.2
W
PT
0
(1) for WL-CSP81 package
(RTHJA ~ 45K/W)
Electrostatic Discharge
ESDHBM
Electrostatic Discharge
Human Body Model
±1.5
kV
Norm: JEDEC JESD22-A114F
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com