Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 34Page - ams-OSRAM AG AS3715 Datasheet HTML 35Page - ams-OSRAM AG AS3715 Datasheet HTML 36Page - ams-OSRAM AG AS3715 Datasheet HTML 37Page - ams-OSRAM AG AS3715 Datasheet HTML 38Page - ams-OSRAM AG AS3715 Datasheet HTML 39Page - ams-OSRAM AG AS3715 Datasheet HTML 40Page - ams-OSRAM AG AS3715 Datasheet HTML 41Page - ams-OSRAM AG AS3715 Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 159 page
background image
ams Datasheet
Page 37
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – Power Management Functions
Figure 38:
DC/DC SU External Components
DC/DC SU External Components: Shows the external component parameter of the DCDC boost converter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cout
Output capacitor
Ceramic,
±20%
2.2
μF
LSU
Inductor
Use inductors with small
Cparasitic (<100pF) to get high
efficiency; Vout >8V
10
μH
Use inductors with small
Cparasitic (<100pF) to get high
efficiency; Vout <8V
4.7
μH
QSU
Transistor
VGS(TH) threshold voltage
1.3
1.5
V
VDS max drain to source voltage
Vout_max
+20%
V
RDS(ON) drain - source ON
resistance
0.35
Ω
QGS total gate charge @
VGS=4.5V
35
nC
C1 / C2
Feedback capacitor
ratio
Ratio should be smaller than the
feedback resistor ratio (inverted)
to avoid overshoots during
start-up
R2 / R1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com