Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 66 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 66 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 62Page - ams-OSRAM AG AS3715 Datasheet HTML 63Page - ams-OSRAM AG AS3715 Datasheet HTML 64Page - ams-OSRAM AG AS3715 Datasheet HTML 65Page - ams-OSRAM AG AS3715 Datasheet HTML 66Page - ams-OSRAM AG AS3715 Datasheet HTML 67Page - ams-OSRAM AG AS3715 Datasheet HTML 68Page - ams-OSRAM AG AS3715 Datasheet HTML 69Page - ams-OSRAM AG AS3715 Datasheet HTML 70Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 159 page
background image
ams Datasheet
Page 65
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
GPIO Pins
Description
The device contains 8 GPIO pins. Each of the pins can be
configured as digital input, digital input (with pull-up or
pull-down), ADC input (tri-state only for GPIO3,4,7 & 8),
push-pull output (selectable lower or higher GPIO supply), or
open drain output (with or without pull-up). When configured
as output the output source can be a register bit, or the PWM
generator.
The polarity of the input and output signals can be inverted
with the corresponding gpioX_invert bit, all further descriptions
refer to normal (non-inverted) mode.
GPIO7 & 8 have no special IO functionality, they just provide
gpioX_in/out function.
Figure 68:
GPIO Functions
GPIO Functions: Gives an overview which functions are available on which GPIOs.
Function
GPIO
1
2
3
4
5
6
7
8
Accessible via OTP during start-up
x
x
x
x
Accessible during stand-by entry/leave
x
x
x
x
Regulator ON/OFF control configurable in OTP
x
Regulator ON/OFF control configurable after start-up
x
x
x
IO special functions available
x
xxx
xx
ADC input function
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com