Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 73 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 73 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 69Page - ams-OSRAM AG AS3715 Datasheet HTML 70Page - ams-OSRAM AG AS3715 Datasheet HTML 71Page - ams-OSRAM AG AS3715 Datasheet HTML 72Page - ams-OSRAM AG AS3715 Datasheet HTML 73Page - ams-OSRAM AG AS3715 Datasheet HTML 74Page - ams-OSRAM AG AS3715 Datasheet HTML 75Page - ams-OSRAM AG AS3715 Datasheet HTML 76Page - ams-OSRAM AG AS3715 Datasheet HTML 77Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 159 page
background image
Page 72
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – System Functions
10-Bit ADC
Description
This general purpose ADC can be used for measuring several
voltages and currents to perform functions like battery monitor,
temperature supervision, button press detection, etc.
Figure 73:
ADC Input Sources
ADC Input Sources: Shows the various inputs with the corresponding resolution which can be measured by the
internal ADC.
#
Source
Range
LSB
Mode
Description
0
BATTEMP
1.8V
1.76mV
1:1
Check battery charging
temperature
1
DIE temperature
1.8V
1.76mV
1:1
Tj = (0.866 * ADC10<9:0>) - 274
2
CHGIN2
5.5V
7.03mV
4:1
3
CURR1
1.0V
1.76mV
1:1
4
CURR2
1.0V
1.76mV
1:1
5
CURR3
1.0V
1.76mV
1:1
6
VUSB1
15V
26.4mV
15:1
Check USB charger HV input
7
CHGIN1
5.5V
7.03mV
4:1
Check USB charger LV input
8
VIBAT
5.5V
7.03mV
4:1
Check Li-Ion battery voltage
9
VSUP
5.5V
7.03mV
4:1
Check main system supply voltage
A
VEBAT
5.5V
7.03mV
4:1
Check 2nd Li-Ion battery voltage
B
GPIO3
1.8V / 5.5V
1.76 / 7.03mV
1:1 / 4:1
C
GPIO4
1.8V / 5.5V
1.76 / 7.03mV
1:1 / 4:1
D
GPIO7
1.8V / 5.5V
1.76 / 7.03mV
1:1 / 4:1
E
GPIO8
1.8V / 5.5V
1.76 / 7.03mV
1:1 / 4:1
FReserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com