Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 60Page - ams-OSRAM AG AS3715 Datasheet HTML 61Page - ams-OSRAM AG AS3715 Datasheet HTML 62Page - ams-OSRAM AG AS3715 Datasheet HTML 63Page - ams-OSRAM AG AS3715 Datasheet HTML 64Page - ams-OSRAM AG AS3715 Datasheet HTML 65Page - ams-OSRAM AG AS3715 Datasheet HTML 66Page - ams-OSRAM AG AS3715 Datasheet HTML 67Page - ams-OSRAM AG AS3715 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 159 page
background image
ams Datasheet
Page 63
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
Stand-By
Description
Stand-By allows shutting down a part or the complete system.
Stand-By can be terminated by every possible interrupt or GPIO
of the PMU. The interrupt has to be enabled and GPIO has to be
configured before going to stand-by.
Figure 65:
Stand-By
Stand-By: Shows different options to enter and leave the stand-by state.
State
Description
Enter via GPIO
To enter stand-by mode the following settings have to be done:
• Enable just these IRQ sources which should lead to leave stand-by mode.
• Make sure that IRQ is inactive (IRQ flags get cleared by register reading)
• Set the GPIO to input (gpioX_mode = 0)
• Set the GPIO for stand-by control (gpioX_iosf = 6)
• Set regX_select and regX_voltage if another voltage is needed during stand-by for up to 3
regulators
• Define which regulators should be kept powered during stand-by (sdX_stby_on and
ldoX_stby_on)
• Activate the selected GPIO (set to HIGH)
Enter via SW
To enter stand-by mode the following settings have to be done:
• Enable just these IRQ sources which should lead to leave stand-by mode.
• Make sure that IRQ is inactive (IRQ flags get cleared by register reading)
• Set regX_select_stby and regX_voltage_stby if another voltage is needing during stand-by
for up to 7 regulators
• Define which regulators should be kept powered during stand-by (sdX_stby_on and
ldoX_stby_on)
• Set the delay for going into stand-by after the SW command (off_delay)
• set standby_mode to 1
Stand-By
V2_5 chip supply is kept ON
All other regulators are switched OFF dependent on the bits sdX_stby_on and ldoX_stby_on
XRES_OUT goes active (can be disabled with standby_reset_disable in the boot OTP) and
pwr_good goes inactive
Leave
The chip will come out of stand-by with
• IRQ activation (use the GPIO restart interrupt (gpio_restart_int) to leave with the same
GPIO you entered stand-by)
• ONKEY/ENx = High
Start-Up sequence is provided defined by the boot OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com