Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 13Page - ams-OSRAM AG AS3715 Datasheet HTML 14Page - ams-OSRAM AG AS3715 Datasheet HTML 15Page - ams-OSRAM AG AS3715 Datasheet HTML 16Page - ams-OSRAM AG AS3715 Datasheet HTML 17Page - ams-OSRAM AG AS3715 Datasheet HTML 18Page - ams-OSRAM AG AS3715 Datasheet HTML 19Page - ams-OSRAM AG AS3715 Datasheet HTML 20Page - ams-OSRAM AG AS3715 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 159 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Figure 12:
DC/DC Buck Dis-Continuous Mode & High Efficiency 2/2
DC/DC Buck Dis-Continuous Mode: Shows the DC/DC switching waveforms of SD3 at about 10mA with the
low_noise bit deactivated.
It’s possible to switch between these two modes during
operation.
Power Save Operation (Automatically Controlled):
As soon as the output voltage stays above the desired target
value for a certain time, some internal blocks will be powered
down leaving the output floating to lower the power
consumption. Normal operation starts as soon as the output
drops below the target value for a similar amount of time. To
minimize the accuracy error some internal circuits are kept
powered to assure a minimized output voltage ripple.
Two addition guard bands, based on comparators, are set at
±5% of the target value to react quickly on large
over/under-shoots by immediately turning on the output
drivers without the normal time delays. This ensures a
minimized ripple also in very extreme load conditions.
DVM (Dynamic Voltage Management)
To minimize the over-/undershoot during a change of the
output voltage, the DVM can be enabled. With DVM the output
voltage will ramp up/down with a selectable slope after the new
value was written to the registers. Without DVM the slew rate
of the output voltage is only determined by external
components like the coil and load capacitor as well as the load
current.
DVM can be selected for all step-down converters, but only for
one at a time. (see dvm_time and sd_dvm_select description)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com