Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 74 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 74 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 70Page - ams-OSRAM AG AS3715 Datasheet HTML 71Page - ams-OSRAM AG AS3715 Datasheet HTML 72Page - ams-OSRAM AG AS3715 Datasheet HTML 73Page - ams-OSRAM AG AS3715 Datasheet HTML 74Page - ams-OSRAM AG AS3715 Datasheet HTML 75Page - ams-OSRAM AG AS3715 Datasheet HTML 76Page - ams-OSRAM AG AS3715 Datasheet HTML 77Page - ams-OSRAM AG AS3715 Datasheet HTML 78Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 159 page
background image
ams Datasheet
Page 73
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Detailed Description – System Functions
Parameter
Figure 74:
ADC Characteristics
ADC Characteristic: Shows the key electrical parameter of the internal ADC.
Figure 75:
ADC Timing Diagram
ADC Timing Diagram: Shows timing of the control and data signals of the internal ADC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Resolution
10
Bit
Vin
Input Voltage Range
For 1:1 mode
0
1.8
V
DNL
Differential Nonlinearity
1LSB 1.56mV for 1:1
(depending on selected
channel)
± 0.25
LSB
INL
Integral Nonlinearity
± 0.5
LSB
Vos
Input Offset Voltage
2
LSB
Rin
Input Impedance
1:1
100
MΩ
4:1
200
kΩ
Cin
Input Capacitance
9
pF
Idd
Power Supply Current
During conversion only
500
μA
Idd
Power Down Current
100
nA
Transient Parameters (25°C)
Tc
Conversion Time
40
μs
fc
Clock Frequency
Internal CLK frequency/8
fclk_int/8
kHz
ts
Settling time of S&H
1
μs
start_conversion
0
11
ADC clock
ADC on
ADC start
16us if adc_presample = 0
else 96us
result_not_ready
D[9:0]
result ready
result not valid
1
12
ADC eoc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com