Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715 Datasheet(PDF) 159 Page - ams-OSRAM AG

Part # AS3715
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715 Datasheet(HTML) 159 Page - ams-OSRAM AG

Back Button AS3715 Datasheet HTML 151Page - ams-OSRAM AG AS3715 Datasheet HTML 152Page - ams-OSRAM AG AS3715 Datasheet HTML 153Page - ams-OSRAM AG AS3715 Datasheet HTML 154Page - ams-OSRAM AG AS3715 Datasheet HTML 155Page - ams-OSRAM AG AS3715 Datasheet HTML 156Page - ams-OSRAM AG AS3715 Datasheet HTML 157Page - ams-OSRAM AG AS3715 Datasheet HTML 158Page - ams-OSRAM AG AS3715 Datasheet HTML 159Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 159 / 159 page
background image
Page 158
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Content Guide
66
GPIO Interrupt Input
67
Current Sink PWM Input
67
Vselect Input
67
Stand-By and Vselect Input
67
PWRGOOD Output
68
Q32k Output
68
Watchdog Input
68
SU1 OC Output
68
Charger Active Output
68
EOC Output
68
100/900mA Charger Input
68
900mA/2.5A Charger Input
68
Charging Enable Input
68
PWM Output
69
Parameter
69
Supervisor
69
Temperature Supervision (Main Die)
70
Temperature Supervision SD4 (Sub Die)
70
Watchdog
70
Description
71
Interrupt Generation
71
Description
72
10-Bit ADC
72
Description
73
Parameter
74
Serial Control Interfaces
74
I²C Feature List
74
I²C Protocol
75
I²C Write Access
76
I²C Read Access
77
I²C Parameter
78
Register Description
78
Register Overview
86
Detailed Register Description
146 Application Information
146 Application Schematics
147 PCB Routing Recommendations
147 Internal DCDC
147 Power Stage Connections
149 Package Drawings & Markings
151 Ordering & Contact Information
152 RoHS Compliant & ams Green Statement
153 Copyrights & Disclaimer
154 Document Status
155 Revision Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com