Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 107 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 103Page - STMicroelectronics SABRE-LL-I Datasheet HTML 104Page - STMicroelectronics SABRE-LL-I Datasheet HTML 105Page - STMicroelectronics SABRE-LL-I Datasheet HTML 106Page - STMicroelectronics SABRE-LL-I Datasheet HTML 107Page - STMicroelectronics SABRE-LL-I Datasheet HTML 108Page - STMicroelectronics SABRE-LL-I Datasheet HTML 109Page - STMicroelectronics SABRE-LL-I Datasheet HTML 110Page - STMicroelectronics SABRE-LL-I Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 141 page
background image
SABRE-LL-I
GPIO pins
107/141
22.7
GPIO[5]
The GPIO[5] truth table is (for the abbreviation list please refer to Table 68):
Figure 33.
GPIO[5] block diagram
Table 79.
GPIO[5] truth
Master(1)
1.
Master bit is at logic level “1” when S.A.B.Re is used as a master device (seeChapter 8)
AUX1
system
and
Vloop1
external(2)
GPIO[5] SPI BITS
Function
Note
GpioOut
enable[5]
Mode[2]
Mode[1]
Mode[0]
1
X
X
X
X
X
Slave control
0
1
X
X
X
X
Reg Loop1 OUT
(3)
0
0
0
X
X
X
HiZ (SPI_IN)
0
0
1
000
SPI OUT
(3)
0
0
1
001
Comp1OUT
(3)
0
0
1
0
1
0
Reg Loop1 OUT
(3)
0
0
1
011
AuxPwm3
(3)
0
0
1
100
SPI OUT inverted
(3)
0
0
1
1
0
1
Comp1OUT inverted
(3)
0
0
1
110
Reg Loop1 OUT
inverted
(3)
0
0
1
1
1
1
AuxPwm3 inverted
(3)
GPIO[5]
Logic Decode
From Control
logic
V3v3
To ADC
To internal Logic & SPI
Back to Back
Driver
V3v3
V3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com