Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SABRE-LL-I Datasheet(PDF) 110 Page - STMicroelectronics

Part # SABRE-LL-I
Description  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 106Page - STMicroelectronics SABRE-LL-I Datasheet HTML 107Page - STMicroelectronics SABRE-LL-I Datasheet HTML 108Page - STMicroelectronics SABRE-LL-I Datasheet HTML 109Page - STMicroelectronics SABRE-LL-I Datasheet HTML 110Page - STMicroelectronics SABRE-LL-I Datasheet HTML 111Page - STMicroelectronics SABRE-LL-I Datasheet HTML 112Page - STMicroelectronics SABRE-LL-I Datasheet HTML 113Page - STMicroelectronics SABRE-LL-I Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 141 page
background image
GPIO pins
SABRE-LL-I
110/141
Figure 34.
GPIO[6] block diagram
Table 82.
GPIO[6] specification
Parameter
Description
Test condition
Min
Typ
Max
Unit
VIH
High level input voltage
1.6
V
VIL
Low level input voltage
0.8
V
VHYS
Input voltage hysteresis
0.22
V
VOL
Low level output voltage
IOUT = 15mA
0.4
V
ILEAKAGE
Leakage current
0
≤V
out ≤ V3v3
-1
1
µA
tDELAY
Delay from serial write to pin low
CLOAD =50 pF
(1)
1.
Measured between nSS rising edge and 50% of Vout.
500
ns
GPIO[6]
Logic Decode
From Serial
Interface
V3v3
To ADC
To internal
Logic & SPI
Power Switch 1
V3v3
VGPIO_SPI
Stand By mode
Gpio[6] Driver
V3v3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com