Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 146 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 146 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 141Page - ATMEL Corporation AT89LP428 Datasheet HTML 142Page - ATMEL Corporation AT89LP428 Datasheet HTML 143Page - ATMEL Corporation AT89LP428 Datasheet HTML 144Page - ATMEL Corporation AT89LP428 Datasheet HTML 145Page - ATMEL Corporation AT89LP428 Datasheet HTML 146Page - ATMEL Corporation AT89LP428 Datasheet HTML 147Page - ATMEL Corporation AT89LP428 Datasheet HTML 148Page - ATMEL Corporation AT89LP428 Datasheet HTML 149Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 146 / 149 page
background image
3654A–MICRO–8/09
8
Power Saving Modes ............................................................................. 26
8.1
Idle Mode .........................................................................................................26
8.2
Power-down Mode ...........................................................................................27
9
Interrupts ................................................................................................ 29
9.1
Interrupt Response Time .................................................................................31
9.2
Interrupt Registers ...........................................................................................32
10
I/O Ports .................................................................................................. 35
10.1
Port Configuration ............................................................................................35
10.2
Port 2 Analog Functions ..................................................................................38
10.3
Port Read-Modify-Write ...................................................................................39
10.4
Port Alternate Functions ..................................................................................39
11
Enhanced Timer 0 and Timer 1 with PWM ........................................... 41
11.1
Mode 0 – Variable Width Timer/Counter .........................................................42
11.2
Mode 1 – 16-bit Auto-Reload Timer/Counter ...................................................42
11.3
Mode 2 – 8-bit Auto-Reload Timer/Counter .....................................................43
11.4
Mode 3 – 8-bit Split Timer ...............................................................................44
11.5
Pulse Width Modulation ...................................................................................47
12
Enhanced Timer 2 .................................................................................. 52
12.1
Timer 2 Registers ............................................................................................53
12.2
Capture Mode ..................................................................................................55
12.3
Auto-Reload Mode ...........................................................................................55
12.4
Baud Rate Generator ......................................................................................59
12.5
Frequency Generator (Programmable Clock Out) ...........................................60
13
Compare/Capture Array ........................................................................ 61
13.1
CCA Registers .................................................................................................62
13.2
Input Capture Mode .........................................................................................65
13.3
Output Compare Mode ....................................................................................66
13.4
Pulse Width Modulation Mode .........................................................................68
14
External Interrupts ................................................................................. 74
15
General-purpose Interrupts .................................................................. 74
16
Serial Interface (UART) .......................................................................... 77
16.1
Multiprocessor Communications .....................................................................77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com