Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 141Page - ATMEL Corporation AT89LP428 Datasheet HTML 142Page - ATMEL Corporation AT89LP428 Datasheet HTML 143Page - ATMEL Corporation AT89LP428 Datasheet HTML 144Page - ATMEL Corporation AT89LP428 Datasheet HTML 145Page - ATMEL Corporation AT89LP428 Datasheet HTML 146Page - ATMEL Corporation AT89LP428 Datasheet HTML 147Page - ATMEL Corporation AT89LP428 Datasheet HTML 148Page - ATMEL Corporation AT89LP428 Datasheet HTML 149Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 147 / 149 page
background image
3654A–MICRO–8/09
16.2
Baud Rates ......................................................................................................79
16.3
More About Mode 0 .........................................................................................81
16.4
More About Mode 1 .........................................................................................85
16.5
More About Modes 2 and 3 .............................................................................87
16.6
Framing Error Detection ..................................................................................90
16.7
Automatic Address Recognition ......................................................................90
17
Enhanced Serial Peripheral Interface .................................................. 91
17.1
Master Operation .............................................................................................93
17.2
Slave Operation ...............................................................................................94
17.3
Pin Configuration .............................................................................................95
17.4
Serial Clock Timing ..........................................................................................96
17.5
SPI Registers ...................................................................................................97
18
Dual Analog Comparators ..................................................................... 98
18.1
Analog Input Muxes .......................................................................................100
18.2
Internal Reference Voltage ............................................................................100
18.3
Comparator Interrupt Debouncing .................................................................100
19
Programmable Watchdog Timer ......................................................... 105
19.1
Software Reset ..............................................................................................106
20
Instruction Set Summary .................................................................... 107
21
Register Index ...................................................................................... 111
22
On-chip Debug System ....................................................................... 113
22.1
Physical Interface ..........................................................................................113
22.2
Software Breakpoints ....................................................................................114
22.3
Limitations of On-chip Debug ........................................................................114
23
Programming the Flash Memory ........................................................ 115
23.1
Physical Interface ..........................................................................................115
23.2
Memory Organization ....................................................................................116
23.3
Command Format ..........................................................................................117
23.4
Status Register ..............................................................................................120
23.5
DATA Polling .................................................................................................120
23.6
Flash Security ................................................................................................120
23.7
User Configuration Fuses ..............................................................................121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com