Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP428 Datasheet(PDF) 148 Page - ATMEL Corporation

Part # AT89LP428
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP428 Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button AT89LP428 Datasheet HTML 141Page - ATMEL Corporation AT89LP428 Datasheet HTML 142Page - ATMEL Corporation AT89LP428 Datasheet HTML 143Page - ATMEL Corporation AT89LP428 Datasheet HTML 144Page - ATMEL Corporation AT89LP428 Datasheet HTML 145Page - ATMEL Corporation AT89LP428 Datasheet HTML 146Page - ATMEL Corporation AT89LP428 Datasheet HTML 147Page - ATMEL Corporation AT89LP428 Datasheet HTML 148Page - ATMEL Corporation AT89LP428 Datasheet HTML 149Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 148 / 149 page
background image
3654A–MICRO–8/09
23.8
User Signature and Analog Configuration .....................................................122
23.9
Programming Interface Timing ......................................................................122
24
Electrical Characteristics .................................................................... 127
24.1
Absolute Maximum Ratings* .........................................................................127
24.2
DC Characteristics .........................................................................................127
24.3
Typical Characteristics ..................................................................................128
24.4
Clock Characteristics .....................................................................................132
24.5
Reset Characteristics ....................................................................................132
24.6
Serial Peripheral Interface Timing .................................................................133
24.7
Dual Analog Comparator Characteristics ......................................................135
24.8
Serial Port Timing: Shift Register Mode ........................................................136
24.9
Test Conditions ..............................................................................................136
25
Ordering Information ........................................................................... 138
25.1
Green Package (Pb/Halide-free) ...................................................................138
26
Packaging Information ........................................................................ 139
26.1
32A – TQFP ...................................................................................................139
26.2
28P3 – PDIP ..................................................................................................140
26.3
32J – PLCC ...................................................................................................141
26.4
32M1-A – MLF ...............................................................................................142
27
Revision History ................................................................................... 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com