Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 32Page - Texas Instruments TLK6002 Datasheet HTML 33Page - Texas Instruments TLK6002 Datasheet HTML 34Page - Texas Instruments TLK6002 Datasheet HTML 35Page - Texas Instruments TLK6002 Datasheet HTML 36Page - Texas Instruments TLK6002 Datasheet HTML 37Page - Texas Instruments TLK6002 Datasheet HTML 38Page - Texas Instruments TLK6002 Datasheet HTML 39Page - Texas Instruments TLK6002 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
If supplying reference clock through an external clock jitter cleaning device, the VCXO used with the
external cleaning device should be chosen such that REFCLK maintains ±100 ppm accuracy during ARS
rate determination, since CLK_OUT behavior will not be deterministic during changes between settings.
Per the above table, note that CLK_OUT is always a fixed frequency and attempts to remain synchronous
(0 ppm) to the incoming serial data rate.
If reference clock of 153.6 MHz is selected, and an external clock jitter cleaning device is used, the clock
cleaning device will need to be configured to multiply the output clock by 1x, since CLK_OUT_P/N is
153.6MHz.
If reference clock of 122.88 MHz is selected, and an external clock jitter cleaning device is used, the clock
cleaning device will need to be configured to multiply the output clock by 2x, since CLK_OUT_P/N is
61.44MHz.
If reference clock of 307.2 MHz is selected, and an external clock jitter cleaning device is used, the clock
cleaning device will need to be configured to multiply the output clock by 2x, since CLK_OUT_P/N is
153.6MHz.
Figure 2-13 shows the flow of the ARS state machine:
36
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com