Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 79Page - Texas Instruments TLK6002 Datasheet HTML 80Page - Texas Instruments TLK6002 Datasheet HTML 81Page - Texas Instruments TLK6002 Datasheet HTML 82Page - Texas Instruments TLK6002 Datasheet HTML 83Page - Texas Instruments TLK6002 Datasheet HTML 84Page - Texas Instruments TLK6002 Datasheet HTML 85Page - Texas Instruments TLK6002 Datasheet HTML 86Page - Texas Instruments TLK6002 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
4.19.2 PRBS TEST GENERATION AND VERIFICATION PROCEDURES
Use one of the following procedures to generate and verify the respective PRBS test patterns. It is
assumed that an appropriate external cable has been connected between serial outputs and serial inputs.
No external parallel side connections are necessary.
4.19.2.1 27-1 / 223-1 / 231-1 PRBS Register Based Testing
•
Note: PRBS TX does not support eighth rate mode.
•
Reset Device:
–
Issue a hard or soft reset (RESET_N asserted -or- Write 1 to 0.15 GLOBAL_RESET)
•
Select SERDES Reference Clock Input:
–
If REFCLK_0_P/N used – Ensure REFCLK_A_SEL (or REFCLK_B_SEL if channel B is used)
primary input pin is low
–
If REFCLK_1_P/N used – Ensure REFCLK_A_SEL (or REFCLK_B_SEL if channel B is used)
primary input pin is high
•
Ensure a legal reference clock operation frequency is selected based on Appendix B (Continuous Rate
Device Configuration), and provision CHANNEL_CONTROL_1 register accordingly. (Note: Eighth
Rate TX Is Not Supported).
•
Serial Configuration
–
Configure the following bits per the desired application:
•
1.9:8 (LOOP_BANDWIDTH[1:0])
•
2.12:8 (TWPOST1[4:0])
•
2.7:4 (TWPRE[3:0])
•
2.3:0 (SWING[3:0])
•
8.14:12 (EQPRE[2:0])
•
8.11:10 (CDRTHR[1:0]) = 2’b01
•
8.9:8 (CDRFMULT[1:0]) = 2’b00
•
1.3:0 PLL_MULT[3:0]
•
1.7:6 RATE_TX[1:0]
•
1.5:4 RATE_RX[1:0]
•
Check SERDES PLL Status for Locked State
–
Poll 5.0 PLL_LOCK (per channel) until it is asserted (high).
•
Toggle ENRX
–
Write 1’b0 to 20.2 (ENRX)
–
Write 1’b1 to 20.2 (ENRX)
•
Select Test Pattern:
–
If 27-1 PRBS Pattern is desired:
•
Write 3’b101 to 7.10:8 TEST_PATTERN_SEL[2:0]
–
If 223-1 PRBS Pattern is desired:
•
Write 3’b110 to 7.10:8 TEST_PATTERN_SEL[2:0]
–
If 231-1 PRBS Pattern is desired:
•
Write 3’b111 to 7.10:8 TEST_PATTERN_SEL[2:0]
•
Enable Test Pattern Generation:
–
Write 1’b1 to 7.13 TP_GEN_EN
•
Final CDR Configuration
–
Wait until either AGC_LOCKED asserted or 250M UI
–
Write 8.9:8 (CDRFMULT[1:0]) = 2’b01
–
Poll 5.13 AGC_LOCKED (1’b1) (per channel)
•
Issue Data path Reset
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
83
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com