Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Table 3-28. TI_RESERVED_CONTROL_5
Address: 0x17
Default: 0x0008
BIT(s)
NAME
DESCRIPTION
ACCESS
23.15
RESERVED
For TI use only.
RW
23.14
RESERVED
For TI use only
23.13:8
RESERVED
For TI use only
23.7:5
RESERVED
For TI use only
23.3
RESERVED
For TI use only
Table 3-29. TI_RESERVED_STATUS_1
Address: 0x18
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
24.13
RESERVED
For TI use only.
24.12
RESERVED
For TI use only
24.9:4
RESERVED
For TI use only
24.3
RESERVED
For TI use only
RO
24.2
RESERVED
For TI use only
24.1
RESERVED
For TI use only
24.0
RESERVED
For TI use only.
Table 3-30. TI_RESERVED_CONTROL_6
Address: 0x19
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
25.6
RESERVED
For TI use only.
RW
25.5:4
RESERVED
For TI use only
25.3:0
RESERVED
For TI use only
Table 3-31. TI_RESERVED_CONTROL_7
Address: 0x1A
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
26.15:0
RESERVED
For TI use only.
RW
Table 3-32. TI_RESERVED_STATUS_2
Address: 0x1B
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
27.15:0
RESERVED
For TI use only.
RO
Table 3-33. TI_RESERVED_CONTROL_8
Address: 0x1C
Default: 0x0001
BIT(s)
NAME
DESCRIPTION
ACCESS
28.14
RESERVED
For TI use only.
RW
28.13
RESERVED
For TI use only
28.12
RESERVED
For TI use only
28.8
RESERVED
For TI use only
28.7:4
RESERVED
For TI use only
28.0
RESERVED
For TI use only
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
59
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com