Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 67Page - Texas Instruments TLK6002 Datasheet HTML 68Page - Texas Instruments TLK6002 Datasheet HTML 69Page - Texas Instruments TLK6002 Datasheet HTML 70Page - Texas Instruments TLK6002 Datasheet HTML 71Page - Texas Instruments TLK6002 Datasheet HTML 72Page - Texas Instruments TLK6002 Datasheet HTML 73Page - Texas Instruments TLK6002 Datasheet HTML 74Page - Texas Instruments TLK6002 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
RXCLK_x
RDx
Tpd
Tpd
VOH(ac)
VDDQ/2
VOL(ac)
VOH(ac)
VDDQ/2
VOL(ac)
RXCLK_x
RDx
tPERIOD
VOH(ac)
VDDQ/2
VOL(ac)
VOH(ac)
VDDQ/2
VOL(ac)
TPD
RXCLK_x
RDx
tPERIOD
VOH(ac)
VDDQ/2
VOL(ac)
VOH(ac)
VDDQ/2
VOL(ac)
TPD
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Figure 4-13. HSTL (DDR Timing Mode Only) Source Aligned Output Timing Requirements
4.11
HSTL Output Switching Characteristics (SDR Timing Mode Only)
PARAMETER
CONDITION
MIN
MAX
UNIT
Tduty
RXCLK_x(1) Duty Cycle
Rising and Falling Edge Aligned Data(2)
40%
60%
tperiod
RXCLK_x Period
Rising and Falling Edge Aligned Data
3.2
42.55
ns
Tfreq
RXCLK_x Frequency
Rising and Falling Edge Aligned Data
23.5
312.5
MHz
RXCLK_x rising to RDx(3) valid.
Rising Edge Aligned, See Figure 4-14.(2)
–0.10 ×
+0.10 ×
ps
tperiod
tperiod
Tpd
RXCLK_x falling to RDx valid.
Falling Edge Aligned, See Figure 4-15.(2)
–0.10 ×
+0.10 ×
ps
tperiod
tperiod
(1)
RXCLK_x refers to RXCLK_A or RXCLK_B for channels A and B respectively.
(2)
Cload = 10pF, using timing reference of (VDDQA/B)/2.
(3)
RDx refers to either RDA or RDB for channels A and B respectively.
Figure 4-14. HSTL (SDR Timing Mode Only) Rising Edge Aligned Output Timing Requirements
Figure 4-15. HSTL (SDR Timing Mode Only) Falling Edge Aligned Output Timing Requirements
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
71
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com