Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 13Page - Texas Instruments TLK6002 Datasheet HTML 14Page - Texas Instruments TLK6002 Datasheet HTML 15Page - Texas Instruments TLK6002 Datasheet HTML 16Page - Texas Instruments TLK6002 Datasheet HTML 17Page - Texas Instruments TLK6002 Datasheet HTML 18Page - Texas Instruments TLK6002 Datasheet HTML 19Page - Texas Instruments TLK6002 Datasheet HTML 20Page - Texas Instruments TLK6002 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
A
DGND
RDA_12
VDDQA
DGND
REFCLK_0
_N
DGND
CGND
XTALP
CGND
PRI_REF2P
CGND
CGND
RC1
RC3
DGND
RDB_7
RDB_13
DGND
B
RDA_17
VDDQA
RDA_18
DGND
REFCLK_0
_P
DGND
VDD_XTAL
XTALN
VDD_PRI_I
N2
PRI_REF2N
VDD_PLL2
LF2B
AMUX
RC2
RDB_6
RDB_12
VDDQB
RDB_17
C
RDA_9
RDA_16
RDA_11
VDDQA
DGND
REFCLK_1
_P
LF1B
VDD_SREF
VDD_SEC_
IN2
CGND
VDD_CP2_
PFD2
LF2A
CGND
CMSEL
VDDQB
RDB_11
RDB_16
RDB_9
D
RDA_19
DGND
RDA_10
RDA_7
DGND
REFCLK_1
_N
LF1A
CGND
SYNTHREF
CGND
CGND
CGND
RFOUTN
CS_N
RDB_5
RDB_10
DGND
RDB_19
E
VDDQA
RDA_15
DGND
RDA_6
RDA_2
VDD_CP1_
PFD1
VDD_PLL1
CGND
CGND
CGND
CGND
VDD_VCO
RFOUTP
SDI
RDB_4
DGND
RDB_18
VDDQB
F
RXCLK_A
RDA_14
RDA_13
RDA_8
VDDQA
VDD_PRI_I
N1
FBINN
CGND
CGND
CGND
CGND
VDD_RF_P
S
VDD18
VDDQB
RDB_8
RDB_15
RDB_14
RXCLK_B
G
DGND
VDDQA
RDA_4
RDA_5
RDA_0
VDD_FBIN
FBINP
CGND
CGND
CGND
CGND
CGND
VDD_DIG_
IO
RDB_0
RDB_1
RDB_3
VDDQB
DGND
H
TDA_19
TDA_17
DGND
RDA_3
RDA_1
VDD_SEC_
IN1
CGND
Y3N
Y3P
Y0N
Y0P
CGND
SCL
DGND
RDB_2
DGND
TDB_18
TDB_16
J
TDA_14
TDA_15
TDA_18
VDDQA
DGND
CLK_OUT_
P
CLK_OUT_
N
VDD_Y4
VDD_Y3
VDD_Y2
VDD_Y1
VDD_Y0
PDN
RESRB
VDDQB
TDB_17
TDB_19
TDB_5
K
VDDQA
DGND
TDA_8
TDA_16
TDA_13
DGND
RESETN
RESRA
VPP
GPI1
PRTAD1
PRTAD2
SDO
DGND
TDB_15
TDB_14
DGND
VDDQB
L
VREFTA
DGND
TDA_12
VDDQA
TDA_11
DVDD
VDDQA
VDDQA
DVDD
VDDO1
PRTAD0
VDDQB
DVDD
TDB_13
VDDQB
TDB_12
VDDQB
VREFTB
M
RESTA
TDA_5
TDA_10
TDA_9
TDA_7
VDDQA
DGND
PRTAD3
DGND
DVDD
DGND
DVDD
VDDQB
TDB_11
TDB_9
TDB_10
TDB_4
RESTB
N
VDDQA
DGND
TDA_6
DGND
TDA_2
DVDD
DGND
DGND
VDD33
DGND
DGND
DGND
DVDD
TDB_7
DGND
TDB_6
DGND
VDDQB
P
TXCLK_A
TDA_4
VDDQA
TDA_3
TDA_0
VDDQA
DGND
DGND
DGND
DGND
DGND
DGND
VDDQB
TDB_1
TDB_2
VDDQB
TDB_8
TDB_0
R
DGND
TDA_1
TMS
GPI0
DGND
REFCLK_A
_SEL
VDDO3
DVDD
AGND
DVDD
AGND
DVDD
VDDO2
TDO
TDI
PRBS_EN
TDB_3
DGND
T
MDC
REFCLK_B
_SEL
TRST_N
RATE_A1
DVDD
PD_TRXA_
N
VDDRA
VDDD
AVDD
AVDD
VDDD
VDDRB
AVDD
AGND
CLK_OUT_
SEL
TCK
TESTEN
TXCLK_B
U
DGND
MDIO
RATE_A0
LOSA
AMUXA
AVDD
AGND
RXAN
RXAP
AGND
AVDD
TXBP
TXBN
AVDD
PD_TRXB_
N
RATE_B2
RATE_B1
RATE_B0
V
RESET_N
RATE_A2
PRBSA_PA
SS
CODEA_EN
AGND
TXAN
TXAP
VDDT
AGND
RXBP
RXBN
VDDT
AGND
AMUXB
PRTAD4
CODEB_EN
LOSB
PRBSB_PA
SS
TLK6002
www.ti.com
SLLSE34 – MAY 2010
2.2
Device Pinout Diagram
Table 2-3. Device Pinout Diagram – (Top View)
2.3
CPRI/OBSAI Specific Operation Modes
The TLK6002 contains an internal low-jitter high quality oscillator that is used as a frequency multiplier for
the serdes and other internal circuits of the device. The rate pins (and mdio registers) as well as the
SERDES PLL multiplier are used to program the line rate and the REFCLK frequency for various
applications. See Appendix B for more details on SERDES reference clock, rate, and multiplier selection
(rates beyond the CPRI/OBSAI specific rates).
The TLK6002 is optimized for operation at a serial data rate of 470 Mbit/s through 6.25 Gbit/s. The
external differential reference clock has a large operating frequency range allowing support for many
different applications. The reference clock frequency must be within ±200 PPM of the incoming serial data
rate (±100 PPM of nominal data rate), and have less than 40ps of jitter. Table 2-4 and Table 2-5 show a
summary of frequency ranges used for the CPRI and OBSAI applications. The transmit parallel input clock
must be frequency locked (0 ppm) to the supplied/selected reference clock (REFCLK_0/1_P/N) frequency.
Table 2-4. CPRI Line Rate Selection(1)
LINE RATE
SERDES PLL
RATE SELECT (PINS OR
TXCLK_A/B
REFCLKP/N
(Mbps)
MULTIPLIER VALUE
REGISTER VALUE)
(MHz)
(MHz)
6144.00
20/25
Full
307.2
153.60/122.88
4915.20
16/20
Full
245.76
153.60/122.88
3072.00
20/25
Half
153.6
153.60/122.88
2457.60
16/20
Half
122.88
153.60/122.88
1228.80
16/20
Quarter
61.44
153.60/122.88
614.40
16/20
Eighth
30.72
153.60/122.88
(1)
In DDR mode TX_CLK frequencies will be half the values in the table above. The table above indicate two possible REFCLK
frequencies, 153.60MHz and 122.88MHz which can be used based on the application preference. The Serdes PLL Multiplier (MPY) has
been given for each REFCLK frequency respectively. Note that Channel A and B are independent, and their application rates and
references clocks are separate.
Copyright © 2010, Texas Instruments Incorporated
Description
17
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com