Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 72Page - Texas Instruments TLK6002 Datasheet HTML 73Page - Texas Instruments TLK6002 Datasheet HTML 74Page - Texas Instruments TLK6002 Datasheet HTML 75Page - Texas Instruments TLK6002 Datasheet HTML 76Page - Texas Instruments TLK6002 Datasheet HTML 77Page - Texas Instruments TLK6002 Datasheet HTML 78Page - Texas Instruments TLK6002 Datasheet HTML 79Page - Texas Instruments TLK6002 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
4.18 Device Initialization
The following sequence should be performed to initialize and ensure proper operation of the TLK6002
device.
4.18.1 20-Bit Interface Mode (8b/10b Encoder/Decoder Disabled) (All CPRI/OBSAI Rates)
Note: Assume both channel A and channel B have the same setup.
REFCLK frequency = 122.88 MHz, Mode = Transceiver, Parallel Interface = 20-Bit SDR Falling Edge
Aligned Mode, RXCLK_A/B out = RXBCLK_A/B, Serial Data Rate is CPRI/OBSAI standard rate as shown
below.
•
Device Pin Setting(s) – Pin settings allow for maximum software configurability.
–
Ensure CODEA_EN input pin is Low.
–
Ensure CODEB_EN input pin is Low.
–
Ensure RATE_A[2:0] input pins are 3’b100 (High, Low, Low) to enable software control.
–
Ensure RATE_B[2:0] input pins are 3’b100 (High, Low, Low) to enable software control.
–
Ensure PD_TRXA_N input pin is High.
–
Ensure PD_TRXB_N input pin is High.
–
Ensure PRBS_EN input pin is Low.
–
Ensure REFCLK_A_SEL input pin is Low to enable software control.
–
Ensure REFCLK_B_SEL input pin is Low to enable software control.
•
Reset Device
–
Issue a hard or soft reset (RESET_N asserted for at least 10 µs -or- Write 1’b1 to 0.15
GLOBAL_RESET) after power supply stabilization.
•
Enable MDIO global write so that each MDIO write affects both channels to shorten provisioning time
–
Write 1’b1 to 0.11 GLOBAL_WRITE
•
Clock Configuration
–
Select Channel A SERDES REFCLK input (Default = REFCLK_0_P/N)
•
If REFCLK_0_P/N used – Write 1’b0 to 0.1 REFCLK_A_SEL
•
If REFCLK_1_P/N used – Write 1’b1 to 0.1 REFCLK_A_SEL
–
Select Channel B SERDES REFCLK input (Default = REFCLK_0_P/N)
•
If REFCLK_0_P/N used – Write 1’b0 to 0.0 REFCLK_B_SEL
•
If REFCLK_1_P/N used – Write 1’b1 to 0.0 REFCLK_B_SEL
•
Data Rate Setting (select one of the following 8 cases)
–
If serial data rate is 6144.00Mbps: write 2’b00 to 1.7:6 RATE_TX[1:0], write 2’b00 to 1.5:4
RATE_RX[1:0], write 4’b1110 to 1.3:0 PLL_MULT[3:0] to select FULL rate and 25x MPY
(CHANNEL_CONTROL_1 = 0x010E).
–
If serial data rate is 4915.20Mbps: Write 2’b00 to 1.7:6 RATE_TX[1:0], write 2’b00 to 1.5:4
RATE_RX[1:0], write 4’b1101 to 1.3:0 PLL_MULT[3:0] to select FULL rate and 20x MPY
(CHANNEL_CONTROL_1 = 0x010D).
–
If serial data rate is 3072.00Mbps: Write 2’b01 to 1.7:6 RATE_TX[1:0], write 2’b01 to 1.5:4
RATE_RX[1:0], write 4’b1110 to 1.3:0 PLL_MULT[3:0] to select HALF rate and 25x MPY
(CHANNEL_CONTROL_1 = 0x015E).
–
If serial data rate is 2457.60Mbps: Write 2’b01 to 1.7:6 RATE_TX[1:0], write 2’b01 to 1.5:4
RATE_RX[1:0], write 4’b1101 to 1.3:0 PLL_MULT[3:0] to select HALF rate and 20x MPY
(CHANNEL_CONTROL_1 = 0x015D).
–
If serial data rate is 1536.00Mbps: Write 2’b10 to 1.7:6 RATE_TX[1:0], write 2’b10 to 1.5:4
RATE_RX[1:0], write 4’b1110 to 1.3:0 PLL_MULT[3:0] to select QUARTER rate and 25x MPY
(CHANNEL_CONTROL_1 = 0x01AE).
–
If serial data rate is 1228.80Mbps: Write 2’b10 to 1.7:6 RATE_TX[1:0], write 2’b10 to 1.5:4
76
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com