Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments TLK6002 Datasheet HTML 64Page - Texas Instruments TLK6002 Datasheet HTML 65Page - Texas Instruments TLK6002 Datasheet HTML 66Page - Texas Instruments TLK6002 Datasheet HTML 67Page - Texas Instruments TLK6002 Datasheet HTML 68Page - Texas Instruments TLK6002 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
VCMT
bit
time
0.5*V
*
V
DE
OD(pp)
0.5*
VOD(pp)
0.25*V
*
DE
VOD(pp)
0.25*VO(pp)
t
t
r
f
,
0
-Vss
-Vpre
-Vpst
-V0/0
+V0/0
+Vpst
+Vpre
+Vss
UI
h-1 = TWPRE (0%
-17.5% fortypicalapplication) setting
h1 = TWPOST1 (0%
-37.5% fortypicalapplication) setting
h0 = 1 - |h1| - |h-1|
V0/0 = Output Amplitudewith TWPRE = 0%, TWPOST = 0%.
Vss = SteadyStateOutputVoltage = V0/0 * | h1 + h0 + h-1|
Vpre = PreCursorOutputVoltage = V0/0 * | -h1 – h0 + h-1|
Vpst = PostCursorOutputVoltage = V0/0 * | -h1 + h0 + h-1|
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Serial Transmitter Characteristics (continued)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
CPRI LV
15
tskew
Output Skew
CPRI HV
25
ps
CPRI LV-II (DCD
≤ 0.05UI)
15
CPRI LV (Note: MIN is not per CPRI)
54
–
–
Differential output signal rise, fall time (20%
tr, tf
CPRI HV (Note: MIN is not per CPRI)
55
–
327
ps
to 80%)Differential Load = 100
Ω
CPRI LV-II
30
–
–
Serial Rate
≤ 3.072 Gbps(Not Applicable to LV-II)
0.35
Serial Output Total Jitter
JT
UI
(CPRI LV/LV-II and OBSAI rates)
Serial Rate > 3.072 Gbps(And All LV-II Rates)
0.30
Serial Rate
≤ 3.072 Gbps(Not Applicable to LV-II)
0.17
Serial Output Deterministic Jitter
JD
UI
(CPRI LV/LV-II and OBSAI rates)
Serial Rate > 3.072 Gbps(And All LV-II Rates)
0.15
Serial Output Total JitterJitter (CPRI
JT
0.279
E.6/12.HV)
CPRI E.6/12.HV(0.6144 and 1.2288 Gbps)
Serial Output Deterministic Jitter (CPRI
JD
0.14
E.6/12.HV)
Bit
T(LATENCY)
Transmit Latency
See latency specifications in Appendix D.
–
–
–
Times
Figure 4-1. Transmit Output Waveform Parameter Definitions
Figure 4-2. Pre/Post Cursor Swing Definitions
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
65
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com