Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 37Page - Texas Instruments TLK6002 Datasheet HTML 38Page - Texas Instruments TLK6002 Datasheet HTML 39Page - Texas Instruments TLK6002 Datasheet HTML 40Page - Texas Instruments TLK6002 Datasheet HTML 41Page - Texas Instruments TLK6002 Datasheet HTML 42Page - Texas Instruments TLK6002 Datasheet HTML 43Page - Texas Instruments TLK6002 Datasheet HTML 44Page - Texas Instruments TLK6002 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 96 page
background image
32"1's"
0
1
Pu1
PA4
PA0
D15
D0
1
0
0
Idle
1
Start
Read
Code
PHY
Addr
Turn
Around
Data
REG
Addr
RA4
RA0
Preamble
MDC
MDIO
32 "1's"
0
1
1
PA[4:0]
D15
D0
0
1
0
Idle
1
Start
Write
Code
PHY
Addr
Turn
Around
Data
REG
Addr
RA4
RA0
Preamble
MDC
MDIO
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Table 2-10. MDIO Related Signals
SIGNAL
TYPE
DESCRIPTION
MDC
LVCMOS
Management Interface Clock. This clock is used to sample the MDIO signal.
1.5V/1.8V
Input VDDO3
MDIO
LVCMOS
Management Interface Data. Bidirectional data line for MDIO Port is sampled on the rising edge of MDC.
1.5V/1.8V
THIS SIGNAL MUST BE EXTERNALLY PULLED UP TO VDDO3. Consult IEEE802.3 Clause 22 for an appropriate
Input/OutputVDDO3
resistance value.
PRTAD[4:0]
LVCMOS
Port Address. Used to select the Port ID in Clause 22 MDIO mode.
1.5V/1.8V
PRTAD[4:1] selects a block of two sequential Clause 22 port addresses. Each channel is implemented as a different port
Input
address, and can be accessed by setting the appropriate port address field within the Clause 22 MDIO transaction.
VDDO2/ VDDO1/
VDDO1/ VDDO1/
PRTAD[0] is not used functionally, but is needed for device testability with other devices in the family of products.
VDDO1
Channel A responds to port address 0 within the block of two port addresses.
Channel B responds to port address 1 within the block of two port addresses.
It is possible for 16 TLK6002 devices to logically share an MDIO bus.
In Clause 22, the top 4 control pins PRTAD[4:1] determine the device port address. In this mode the 2
individual channels in TLK6002 are classified as 2 different ports. So for any PRTAD[4:1] value there will
be 2 ports per TLK6002.
TLK6002 will respond if the 4 MSB's of PHY address field on MDIO protocol (PA[4:1]) matches
PRTAD[4:1]. The LSB of PHY address field (PA[0]) will determine which channel/port within TLK6002 to
respond to.
If PA[0] = 1b0, TLK6002 Channel A will respond.
If PA[0] = 1b1, TLK6002 Channel B will respond.
Write transactions which address an invalid register or device or a read only register will be ignored. Read
transactions which address an invalid register will return a 0.
MDIO Protocol Timing:
The Clause 22 timing required to read from the internal registers is shown in Figure 2-9. The Clause 22
timing required to write to the internal registers is shown in Figure 2-10.
(1)
Note that the 1 in the Turn Around section is externally pulled up, and driven to Z by TLK6002.
Figure 2-15. CL22 – Management Interface Read Timing
Figure 2-16. CL22 – Management Interface Write Timing
Copyright © 2010, Texas Instruments Incorporated
Description
41
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com