Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 87Page - Texas Instruments TLK6002 Datasheet HTML 88Page - Texas Instruments TLK6002 Datasheet HTML 89Page - Texas Instruments TLK6002 Datasheet HTML 90Page - Texas Instruments TLK6002 Datasheet HTML 91Page - Texas Instruments TLK6002 Datasheet HTML 92Page - Texas Instruments TLK6002 Datasheet HTML 93Page - Texas Instruments TLK6002 Datasheet HTML 94Page - Texas Instruments TLK6002 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Table 8-2. Device Absolute Receive Latency – SDR and DDR Modes
RX SDR/DDR RECEIVE ABSOLUTE LATENCY
Note: RX FIFO Depth (When FIFO Enabled) is 4 words.
Latency Components
Item
Minimum
Maximum
Description
A
47
57
Serial Input Bit to RX SERDES Output Register
B
10
10
RX SERDES Output Register to RX PMA Register
C
10
10
RX PMA Register to Channel Sync Input Register
D
10
20
Channel Sync Input Register to Channel Sync Output Register
E
10
10
Channel Sync Output Register to 8b/10b Decoder Input Register
F
10
10
8b/10b Decoder Input Register to 8b/10b Output Register
G
10
10
8b/10b Output Register to RX FIFO Input Register
H
10
40
RX FIFO Input Register to RX FIFO Output Register
I
10
20
RXFIFO Output Register to RX Parallel Output Register Driven
Bit Detail
Latency
Minimum
Maximum
Assumption: RX*_[10 and 0] are the first received bits.
RX*_[19]
0
127
187
RX*_[10]
9
136
196
RX*_[9]
0
127
187
RX*_[0]
9
136
196
Disabling Channel Synchronization Reduces Above Numbers by 20 Minimum and 30 Maximum bit times.
Disabling Decoder Reduces Above Numbers by 20 bit times.
Bypassing RX FIFO Reduces Above Numbers by 20 Minimum and 50 Maximum bit times.
Latency
RX FIFO
RX FIFO
RX FIFO
RX FIFO
Summary
Bypassed
Bypassed
Bypassed
Enabled
Channel
Channel Sync
Channel
Channel
Sync On
On
Sync Off
Sync On
8b/10b
8b/10b Decoder
8b/10b
8b/10b
Decoder On
Off
Decoder Off
Decoder On
Minimum
Maximum
Minimum
Maximum
Minimum
Maximum
Minimum
Maximum
RX*_[19]
107
137
87
117
67
87
127
187
RX*_[10]
116
146
96
126
76
96
136
196
RX*_[9]
107
137
87
117
67
87
127
187
RX*_[0]
116
146
96
126
76
96
136
196
Table 8-3 show the static latency variance. Note that static latency variation is the difference in absolute
latency values possible across device reset/power ups.
Copyright © 2010, Texas Instruments Incorporated
Appendix D – Device Latency Specification
91
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com