Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 83Page - Texas Instruments TLK6002 Datasheet HTML 84Page - Texas Instruments TLK6002 Datasheet HTML 85Page - Texas Instruments TLK6002 Datasheet HTML 86Page - Texas Instruments TLK6002 Datasheet HTML 87Page - Texas Instruments TLK6002 Datasheet HTML 88Page - Texas Instruments TLK6002 Datasheet HTML 89Page - Texas Instruments TLK6002 Datasheet HTML 90Page - Texas Instruments TLK6002 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
5
Appendix A – Application Board Supply Recommendations
Nominal Board Voltages Required: 1.0V, and either 1.5 or 1.8V
Ground - Connect all device grounds together on the application board (DGND, AGND)
1.0V – Bulk Decoupled
1. Ferrite Bead
→ DVDD (Locally Decoupled)
2. Ferrite Bead
→ AVDD / VDDT / VDDD (Locally Decoupled)
1.5V or 1.8V – Bulk Decoupled
1. Ferrite Bead
→ VDDQA/B (Locally Decoupled)
2. Ferrite Bead
→ VDDRA,VDDRB (Separate, Locally Decoupled)
3. Ferrite Bead
→ VDDO1,VDDO2,VDDO3 (Locally Decoupled)
VREF* can be generated using 1k resistors between VDDQA/B and DGND, and should be locally
decoupled.
Note: Ferrite beads should have high impedance near the fundamental frequency that the parallel data is
running at.
Note: Bulk decoupling prior to the ferrite beads required in order to decouple noise from power source.
This decoupling will be determined by your power source and what frequencies of noise it creates.
Note: For close to device localized decoupling (after ferrite beads), 1.0µF and 0.1µF caps should be
placed on the pins of the device on the back side of the board.
It is strongly recommended that TI review relevant pages of your application board schematics and layout
before fabrication to ensure first pass success.
Copyright © 2010, Texas Instruments Incorporated
Appendix A – Application Board Supply Recommendations
87
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com