Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 4 Page - Texas Instruments

  TLK6002 Datasheet HTML 1Page - Texas Instruments TLK6002 Datasheet HTML 2Page - Texas Instruments TLK6002 Datasheet HTML 3Page - Texas Instruments TLK6002 Datasheet HTML 4Page - Texas Instruments TLK6002 Datasheet HTML 5Page - Texas Instruments TLK6002 Datasheet HTML 6Page - Texas Instruments TLK6002 Datasheet HTML 7Page - Texas Instruments TLK6002 Datasheet HTML 8Page - Texas Instruments TLK6002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
Interpolatorand
ClockRecovery
&
AdaptiveEQ
Clock
Synthesizer
JTAG
TMS
TDO
TRST_N
TCK
TDI
TXAN
TXAP
10-bit
MUX
Parallelto
Serial
TLK6002
BlockDiagramChannel A
BIAS
With
pre-emphasis
MDIO
Interface
PRTAD[4:0]
MDC
MDIO
RESET_N
PD_TRXA_N
SCL
SDI
CS_N
SDO
Reference
CLock
Rate_A[2:0]
CODEA_EN
]
Pattern
Generator
10
TXCLK_A
10-bit
10-bit
Pattern
Verifier
10
Serial
to
Parallel
RXAP
RXAN
COMMA
Detect &
8B/10B
Decoding
&
De-
scrambler
EQ
10
LOSA
RDA_[19:0]
EQ
PRBSA_PASS
RXCLK_A
10-bit
10
10
TDA_[19:0
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Figure 1-2. TLK6002 Detail Block Diagram (Channel A)
4
Introduction
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com