Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 22Page - Texas Instruments TLK6002 Datasheet HTML 23Page - Texas Instruments TLK6002 Datasheet HTML 24Page - Texas Instruments TLK6002 Datasheet HTML 25Page - Texas Instruments TLK6002 Datasheet HTML 26Page - Texas Instruments TLK6002 Datasheet HTML 27Page - Texas Instruments TLK6002 Datasheet HTML 28Page - Texas Instruments TLK6002 Datasheet HTML 29Page - Texas Instruments TLK6002 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
LOSA
6.11 (Ch A)
GPI1
6.9 (Ch A)
Channel A InSync
6.8 (Ch A)
PLL Locked (Ch A)
6.3 (Ch A)
8b/10bInvalidCode (Ch A)
10.14 (Ch A)
ARSLocked (Ch A)
6.10 (Ch A)
LossofSignal (Ch A)
7.7 (Ch A)
AGCLOCK (Ch A)
7.6 (Ch A)
AZDONE (Ch A)
TLK6002
SLLSE34 – MAY 2010
www.ti.com
4. Receive 8b/10b Decode Error (Invalid Code Word or Running Disparity Error) – Logically OR'd with
LOS condition(s) when enabled – (Register 6.3 enabled). The occurrence of an 8b/10b decode error
(invalid code word or disparity error) is optionally OR'd (disabled by default) with the other internally
generated loss of signal conditions (per channel).
5. ARS_Locked (ARS State Machine Currently Locked) – Inverted and Logically OR'd with LOS
condition(s) when enabled – (Register 10.14 enabled). ARS State Machine unlocked indication is
optionally OR'd (disabled by default) with the other internally generated loss of signal conditions (per
channel).
6. AGCLOCK (Active Gain Control Currently Locked) – Inverted and Logically OR'd with LOS
conditions(s) when enabled – (Register 7.7 enabled). RX SERDES adaptive gain control unlocked
indication is optionally OR'd (disabled by default) with the other internally generated loss of signal
conditions (per channel).
7. AZDONE (Auto Zero Calibration Done) – Inverted and Logically OR'd with LOS conditions(s) when
enabled – (Register 7.6 enabled). RX SERDES auto zero not done indication is optionally OR'd
(disabled by default) with the other internally generated loss of signal conditions (per channel).
See Figure 2-8, which shows the detailed implementation of the LOSA signal.
NOTE: LOSA is asserted (driven high) during a failing condition, and deasserted (driven low) otherwise. Any combinations of
status signals may be enabled onto LOSA/B based on MDIO register bits indicated above. LOSB circuit is similar.
Figure 2-8. LOSA – Logic Circuit Implementation
26
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com