Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 27Page - Texas Instruments TLK6002 Datasheet HTML 28Page - Texas Instruments TLK6002 Datasheet HTML 29Page - Texas Instruments TLK6002 Datasheet HTML 30Page - Texas Instruments TLK6002 Datasheet HTML 31Page - Texas Instruments TLK6002 Datasheet HTML 32Page - Texas Instruments TLK6002 Datasheet HTML 33Page - Texas Instruments TLK6002 Datasheet HTML 34Page - Texas Instruments TLK6002 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
In full rate mode, the latency measurement function runs off of an internal clock which is equal to the
frequency of the transmit serial bit rate divided by four. In half rate mode, the latency measurement
function runs off of an internal clock which is equal to the serial bit rate divided by two. In quarter rate
mode, the latency measurement function runs off of an internal clock which is equal to the serial bit rate.
In eighth rate mode, the latency measurement function runs off of a clock which is equal to twice the serial
bit rate. The latency measurement accuracy in all cases is equal to plus or minus one latency
measurement clock period. The measurement clock can be divided down if a longer duration
measurement is required, in which case the accuracy of the measurement is accordingly reduced. The
high speed latency measurement clock is divided by either 1, 2, 4, or 8 via register 16.5:4. The
measurement clock used is always selected by the channel under test. The high speed latency
measurement clock may only be used when operating at one of the eight serial rates specified in the
CPRI/OBSAI specifications. It is also possible to run the latency measurement function off of the
recovered byte clock for the channel under test (and gives a latency measurement clock frequency equal
to the serial bit rate divided by 10) via register bit 16.2 (where the 16.5:4 divider value setting is ignored).
The accuracy for the standard based CPRI/OBSAI application rates is shown in Table 2-6, and assumes
the latency measurement clock is not divided down per user selection (division is required to measure a
duration greater than 682 µs). For each division of 2 in the measurement clock, the accuracy is also
reduced by a factor of two.
Table 2-6. CPRI/OBSAI Latency Measurement Function Accuracy
(Undivided Measurement Clock)
Clock Frequency
Accuracy
Gbps
Rate
(GHz)
(± ns)
0.6144
Eighth
1.2288
0.8138
0.768
Eighth
1.536
0.6510
1.2288
Quarter
1.2288
0.8138
1.536
Quarter
1.536
0.6510
2.4576
Half
1.2288
0.8138
3.072
Half
1.536
0.6510
4.9152
Full
1.2288
0.8138
6.144
Full
1.536
0.6510
Copyright © 2010, Texas Instruments Incorporated
Description
31
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com