Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 81Page - Texas Instruments TLK6002 Datasheet HTML 82Page - Texas Instruments TLK6002 Datasheet HTML 83Page - Texas Instruments TLK6002 Datasheet HTML 84Page - Texas Instruments TLK6002 Datasheet HTML 85Page - Texas Instruments TLK6002 Datasheet HTML 86Page - Texas Instruments TLK6002 Datasheet HTML 87Page - Texas Instruments TLK6002 Datasheet HTML 88Page - Texas Instruments TLK6002 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
–
If 27-1 PRBS Pattern is desired:
•
Write 3’b101 to 7.10:8 TEST_PATTERN_SEL[2:0]
–
If 223-1 PRBS Pattern is desired:
•
Write 3’b110 to 7.10:8 TEST_PATTERN_SEL[2:0]
•
Final CDR Configuration
–
Wait until either AGC_LOCKED asserted or 250M UI
–
Write 8.9:8 (CDRFMULT[1:0]) = 2’b01
–
Poll 5.13 AGC_LOCKED (1’b1) (per channel)
•
Issue Data path Reset
–
Write 1’b1 to 4.3 DATAPATH_RESET
•
The pattern verification is now in progress.
•
PRBSA_PASS contains a real time output that when low indicates the input PRBS pattern on RXAP/N
contains error.
•
PRBSB_PASS contains a real time output that when low indicates the input PRBS pattern on RXBP/N
contains error.
•
The following steps can be performed if the number of errors needs to be monitored:
–
Read 14.15:0 ERROR_COUNTER[15:0] and discard the value.
–
Read 14.15:0 ERROR_COUNTER[15:0], and verify 16’h0000 is read to confirm error free
operation. (as many times as desired during the duration of the test period)
4.20 PACKAGE DISSIPATION RATINGS
The following tables detail the thermal characteristics of the TLK6002 package.
Table 4-2. Package Thermal Characteristics
JEDEC
CUSTOM TYPICAL
STANDARD BOARD
APPLICATION BOARD
PARAMETER
VALUE
VALUE
qJA
Theta-JA
24.3
19.2
qJB
Theta-JB
11.6
11.6
qJC
Theta-JC
4.5
4.5
ΨJT
Psi-JT
4.5
4.5
ΨJB
Psi-JB
11.5
11.3
Note: Custom Typical Application Board Characteristics:
•
10 x 15 inches
•
12 layer
–
8 power/ground layers – 95% copper (1oz)
–
4 signal layers – 20% copper (1oz)
ΨJB = (TJ – TB)/(Total Device Power Dissipation)
TJ = Device Junction Temperature
TB = Temperature of PCB 1mm from device edge.
ΨJT = (TJ – TC)/(Total Device Power Dissipation)
TJ = Device Junction Temperature
TC = Hottest temperature on the case of the package
4.21 Device Total Worst Case Power Dissipation
The following table details the worst case total device power dissipation:
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
85
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com