Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 23Page - Texas Instruments TLK6002 Datasheet HTML 24Page - Texas Instruments TLK6002 Datasheet HTML 25Page - Texas Instruments TLK6002 Datasheet HTML 26Page - Texas Instruments TLK6002 Datasheet HTML 27Page - Texas Instruments TLK6002 Datasheet HTML 28Page - Texas Instruments TLK6002 Datasheet HTML 29Page - Texas Instruments TLK6002 Datasheet HTML 30Page - Texas Instruments TLK6002 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
2.16 Receive Datapath Error Condition Operation
The receive datapath (parallel output), when the 8b/10b decoder is enabled, automatically replaces the
received symbol with K30.7 (control = 1, data = 0xFE) in the case of an invalid code word or 8b/10b
disparity error.
The following additional conditions optionally enable replacement of received data with K30.7 (control = 1,
data = 0xFE) (when enabled through MDIO) when 8b/10b decoding is enabled, or replace the parallel
output data with all zero data if the 8b/10b decoder is disabled:
1. Loss of Signal Status – (character replacement enabled through register bit 6.6, disabled by default).
2. Loss of Channel Synchronization Status – (character replacement enabled through register bit 6.5,
disabled by default). This bit should not be enabled unless comma detection is enabled.
Note: Achieving channel synchronization is not possible if register bit 6.6 is high and LOS is detected.
3. Loss of PLL Lock Status – (character replacement enabled through register bit 6.4, disabled by default)
4. GPI1 – (if GPI1=0, character replacement enabled through register bit 6.7, disabled by default)
5. AZDONE – (if AZDONE=0, character replacement enabled through register bit 7.4, disabled by default)
6. AGCLOCK – (if AGCLOCK=0, character replacement enabled through register bit 7.5, disabled by
default)
2.17 Loopback Support
TLK6002 supports several loopback configurations.
Local loopback accepts parallel input data, and returns that data on the parallel output for the same
channel.
Remote loopback accepts serial input data, and returns that data on the serial output for the same
channel.
Shallow local loopback data traverses the entire transmit datapath except for serialization, and is returned
through the entire receive datapath (except for deserialization). Data is not serialized or deserialized.
Deep local loopback data traverses the entire transmit datapath including serialization, and is returned
through the entire receive datapath (including serialization). Data is both serialized and deserialized.
Deep remote loopback data traverses the entire receive datapath including the 20-bit output register, and
is returned through the entire transmit datapath (excluding the parallel input buffers). Data is both
deserialized and serialized.
Shallow remote loopback data traverses the entire receive datapath until just before the 20-bit output
register, and is returned through the entire transmit datapath (excluding the parallel input buffers). Data is
both serialized and deserialized.
Figure 2-9 and Figure 2-10 show all four loopback modes of operation.
Copyright © 2010, Texas Instruments Incorporated
Description
27
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com