Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 28Page - Texas Instruments TLK6002 Datasheet HTML 29Page - Texas Instruments TLK6002 Datasheet HTML 30Page - Texas Instruments TLK6002 Datasheet HTML 31Page - Texas Instruments TLK6002 Datasheet HTML 32Page - Texas Instruments TLK6002 Datasheet HTML 33Page - Texas Instruments TLK6002 Datasheet HTML 34Page - Texas Instruments TLK6002 Datasheet HTML 35Page - Texas Instruments TLK6002 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 96 page
background image
20-bit Latency
Counter
Start
Counter
Stop
Counter
Clock
Synthesizer
Selected
Reference
Clock
10
2:1
MUX
Pattern
Generator
10
TCLK
10-bit
TDA_[19:0]
MUX
TXCLK _A
10-bit
20-bit
10-bit
10-bit
10-bit
TXAN
TXAP
Parallel to
Serial
¼, ½ &
Full rate
set
RDA_[19:0]
Serial to
Parallel
RXAP
RXAN
RXCLK _A
COMMA
Detect&
8B/10B
Decoding
EQ
10-bit
10-bit
10-bit
10-bit
Pattern
Verifier
TLK6002
SLLSE34 – MAY 2010
www.ti.com
The locations where the comma transmission and reception are measured in TLK6002 are shown in
Figure 2-12.
Figure 2-12. Location of TX and RX Comma Character Detection (Only Channel A Shown)
2.20 CPRI/OBSAI Automatic Rate Sense (ARS) Function
An automatic rate sense (ARS) function is implemented in TLK6002 to facilitate determination of the
incoming CPRI/OBSAI serial link rate per channel.
When ARS is enabled, only three device input reference clock frequencies are supported: 122.88, 153.6,
and 307.2 MHz. ARS should not be enabled unless one of these three frequencies is available on either
REFCLK_0_P/N or REFCLK_1_P/N.
The ARS function per channel can operate off of either reference clock (REFCLK_0_P/N or
REFCLK_1_P/N), and is selected through device pins REFCLK_A_SEL for Channel A, and
REFCLK_B_SEL for Channel B (or alternatively mdio registers). The reference clock rate selection is
selected through channel A or B MDIO register bits (ARS_REF_FREQ[1:0], register bits 11.15:14), and
must be programmed for proper ARS operation (unless the default values matches the reference clock
input frequency).
32
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com