Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 52Page - Texas Instruments TLK6002 Datasheet HTML 53Page - Texas Instruments TLK6002 Datasheet HTML 54Page - Texas Instruments TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 3-20. SPI_CONTROL_STATUS
Address: 0x0F
Default: 0x0205
BIT(s)
NAME
DESCRIPTION
ACCESS
15.14
SCL_W
SCL write value
RW
0 = 0 Driven onto SCL line (Default 1’b0)
1 = 1 Driven onto to SCL line
15.13
SCL_GZ
SCL output enable control
RW
0 = SCL treated as output (Default 1’b0)
1 = SCL treated as input. Read value stored in SCL_R (15.12)
15.12
SCL_R
SCL read value (current value of device pin)
RO
0 = 0 Current input value on SCL line
1 = 1 Current input value on SCL line
15.10
SDO_W
SDO write value
RW
0 = 0 Driven onto SDO line (Default 1’b0)
1 = 1 Driven onto to SDO line
15.9
SDO_GZ
SDO output enable control
RW
0 = SDO treated as output
1 = SDO treated as input. Read value stored in SDO_R (15. 8) (Default 1’b1)
15.8
SDO_R
SDO read value (current value of device pin)
RO
0 = 0 Current input value on SDO line
1 = 1 Current input value on SDO line
15.6
SDI_W
SDI write value
RW
0 = 0 Driven onto SDI line (Default 1’b0)
1 = 1 Driven onto to SDI line
15.5
SDI_GZ
SDI output enable control
RW
0 = SDI treated as output (Default 1’b0)
1 = SDI treated as input. Read value stored in SDI_R (15.4)
15.4
SDI_R
SDI read value (current value of device pin)
RO
0 = 0 Current input value on SDI line
1 = 1 Current input value on SDI line
15.2
CS_N_W
CS_N write value
RW
0 = 0 Driven onto CS_N line
1 = 1 Driven onto to CS_N line (Default 1’b1)
15.1
CS_N_GZ
CS_N output enable control
RW
0 = CS_N treated as output (Default 1’b0)
1 = CS_N treated as input. Read value stored in CS_N_R (15.0)
15.0
CS_N_R
CS_N read value (current value of device pin)
RO
0 = 0 Current input value on CS_N line
1 = 1 Current input value on CS_N line
Table 3-21. LATENCY_MEASURE_CONTROL
Address: 0x10
Default: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
16.10
RESERVED
For TI use only.
RW
16.9
RESERVED
For TI use only.
16.8
RESERVED
For TI use only.
16.5:4
LATENCY_MEAS_CLK_DIV[1:0]
Latency measurement clock divide control. Valid only when bit 16.2 is 0.
RW
Divides clock to needed resolution. Higher the divide value, lesser the latency
measurement resolution
00 = Divide by 1 (Default 2’b00) (Most Accurate Measurement)
01 = Divide by 2
10 = Divide by 4
11 = Divide by 8 (Longest Measurement Capability)
See Table 2-6
16.2
LATENCY_MEAS_CLK_SEL
Latency measurement clock selection.
RW
0 = Selects clock listed in Table 2-6. Bits 16.5:4 can be used to divide this clock
to achieve needed resolution. (Default 1’b0)
1 = Selects respective channel recovered byte clock (Frequency = Serial bit
rate/ 10).
56
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com