Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 25Page - Texas Instruments TLK6002 Datasheet HTML 26Page - Texas Instruments TLK6002 Datasheet HTML 27Page - Texas Instruments TLK6002 Datasheet HTML 28Page - Texas Instruments TLK6002 Datasheet HTML 29Page - Texas Instruments TLK6002 Datasheet HTML 30Page - Texas Instruments TLK6002 Datasheet HTML 31Page - Texas Instruments TLK6002 Datasheet HTML 32Page - Texas Instruments TLK6002 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
TXAN
TXAP
TDA_[ 19: 0]
Channel A
Parallelto
Serial
TXCLK_A
Channel A
RXAP
RXAN
RDA_[ 19: 0]
Serialto
Parallel
COMMA
Detect &
8B/ 10 B
Decoding
RXCLK_A
ShallowRemoteLoopback (register 7 .2 )
TXAN
TXAP
TDA_[ 19: 0]
Channel A
Parallelto
Serial
TXCLK_A
Channel A
RXAP
RXAN
RDA_[ 19: 0]
Serialto
Parallel
COMMA
Detect &
8B/ 10 B
Decoding
RXCLK_A
DeepRemoteLoopback (register 7 .3 )
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Figure 2-10. TLK6002 Shallow and Deep Remote Loopback (Channel A)
2.17.1 Link Test Functions
The TLK6002 has an extensive suite of built in test functions to support system diagnostic requirements.
Each channel has an internal test pattern generator and verifier. Several patterns can be selected via the
MDIO that offer extensive test coverage. The test patterns supported are: 27-1, 223-1, 231-1 PRBS
(Pseudo Random Bit Stream), CRPAT Short/Long frequency patterns.
2.18 Serial Retime Mode
TLK6002 supports serial retime mode of operation. Serial retime mode is enabled through an mdio
register bit.
In serial retime mode mode:
•
Incoming serial data on RXAP/N is sent to both RDA_[19:0] parallel and TXBP/N serial outputs.
•
Incoming serial data on RXBP/N is sent to both RDB_[19:0] parallel and TXAP/N serial outputs.
In serial retime mode, the incoming serial data rate on Channel A must be synchronous (0 ppm) to the
reference clock supplied to Channel B SERDES. Also, the incoming serial data rate on Channel B must be
synchronous (0 ppm) to the reference clock supplied to Channel A SERDES.
Note that latency measurement is not possible when in serial retime mode of operation.
Figure 2-11 shows operation of TLK6002 in serial retime mode:
Copyright © 2010, Texas Instruments Incorporated
Description
29
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com