Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 44Page - Texas Instruments TLK6002 Datasheet HTML 45Page - Texas Instruments TLK6002 Datasheet HTML 46Page - Texas Instruments TLK6002 Datasheet HTML 47Page - Texas Instruments TLK6002 Datasheet HTML 48Page - Texas Instruments TLK6002 Datasheet HTML 49Page - Texas Instruments TLK6002 Datasheet HTML 50Page - Texas Instruments TLK6002 Datasheet HTML 51Page - Texas Instruments TLK6002 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 3-7. AC Mode Output Swing Control
VALUE
AC MODETYPICAL AMPLITUDE
2[3:0]
(mVdfpp)
0000
126
0001
215
0010
303
0011
395
0100
478
0101
572
0110
662
0111
756
1000
839
1001
932
1010
1020
1011
1110
1100
1190
1101
1280
1110
1360
1111
1450
Table 3-8. CHANNEL_CONTROL_3
Address: 0x03
Default: 0x0180
BIT(s)
NAME
DESCRIPTION
ACCESS
3.12:11 CH_SYNC_HYSTERESIS
Valid only when comma detection (channel synchronization) is enabled.
RW
[1:0]
00 =
The channel synchronization, when in the synchronization state, performs the
Ethernet standard specified hysteresis to return to the unsynchronized state
(Default 2’b00)
01 =
A single 8b/10b invalid decode error or disparity error causes the channel
synchronization state machine to immediately transition from sync to unsync
10 =
Two adjacent 8b/10b invalid decode errors or disparity errors cause the channel
synchronization state machine to immediately transition from sync to unsync
11 =
Three adjacent 8b/10b invalid decode errors or disparity errors cause the
channel synchronization state machine to immediately transition from sync to
unsync
3.10
TX_SWAP_SEL
0 =
Selects same channel Tx parallel interface input data as core input data for that
RW
channel (Default 1’b0)
1 =
Selects partner channel Tx parallel interface input data as core input data for
that channel
See Figure 1-4
3.9
RX_SWAP_SEL
0 =
Selects same channel deserialized input data to be sent out the Rx parallel
RW
output interface (Default 1’b0)
1 =
Selects partner channel deserialized input data to be sent out the Rx parallel
output interface
See Figure 1-5
3.8
RXCLK_OUT_SEL
Parallel output clock (RXCLK_x) selection
RW
When RX_SWAP_SEL (3.9) is 1’b0
0 =
Selects respective channel SERDES TXBCLK clock
1 =
Selects respective channel SERDES RXBCLK clock (Default 1’b1)
When RX_SWAP_SEL (3.9) is 1’b1
0 =
Selects partner channel SERDES TXBCLK clock
1 =
Selects partner channel SERDES RXBCLK clock (Default 1’b1)
See Figure 1-5
48
PROGRAMMERS REFERENCE
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com