Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 59Page - Texas Instruments TLK6002 Datasheet HTML 60Page - Texas Instruments TLK6002 Datasheet HTML 61Page - Texas Instruments TLK6002 Datasheet HTML 62Page - Texas Instruments TLK6002 Datasheet HTML 63Page - Texas Instruments TLK6002 Datasheet HTML 64Page - Texas Instruments TLK6002 Datasheet HTML 65Page - Texas Instruments TLK6002 Datasheet HTML 66Page - Texas Instruments TLK6002 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITION
MIN NOM
MAX
UNIT
VDDD
28
AVDD
15
DVDD + VPP
62
VDDT
1
ISD
VDDQA/B (1.5V Mode /1.8V Mode)
5/5
Shutdown
PD* Asserted
mA
Current
VDDRA + VDDRB (1.5V Mode /1.8V Mode)
1/1
VDDO1+VDDO2+VDDO3 (1.5V Mode /1.8V
1/2
Mode)
0.05/0.0
VREFTA + VREFTB (1.5V /1.8V Mode)
5
4.3
Reference Clock Timing Requirement (REFCLK_0/1_P/N)
PARAMETER
CONDITION
MIN NOM
MAX
UNIT
Frequency
122.88
–
800
MHz
Relative to Nominal Serial Data Rate
–100
100
Accuracy
ppm
Relative to Incoming Serial Data Rate
–200
200
Accuracy to TXCLK_A/B
Synchronous (Multiple/Divide)
0
0
0
ppm
Duty Cycle
High Time
45%
50%
55%
Jitter
Random and deterministic
40
ps
4.4
Differential Reference Clock Electrical Characteristics (REFCLK_0/1_P/N)
PARAMETER
CONDITION
MIN NOM
MAX
UNIT
Vid
Differential Input Voltage
250
2000
mVdfpp
CIN
Input Capacitance
3
pF
RIN
Input Differential Impedance
80
100
120
Ω
Trise
Rise Time
20% to 80%
50
600
ps
4.5
Differential Clock Output Electrical Characteristics (CLK_OUT_P/N)
PARAMETER
CONDITION
MIN NOM
MAX
UNIT
Vod
Differential Output Voltage
Peak to peak
1000
2000
mVdfpp
TRise
Output Rise Time
10 to 90% 2pF lumped C loadAC Coupled
180
ps
RTERM
Output Termination
CLK_OUT_P/N to DVDD
40
50
60
Ω
FMAX
Output Frequency
0
625
MHz
4.6
LVCMOS Electrical Characteristics (VDDO = VDDO1/VDDO2/VDDO3)
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
IOH = 2 mA, Driver Enabled (1.8 V)
VDDO – 0.45
VDDO
VOH
High-level output voltage
V
IOH = 2 mA, Driver Enabled (1.5 V)
0.75×VDDO
VDDO
VOL
IOL = –2 mA, Driver Enabled (1.8 V)
0
0.45
V
Low-level output voltage
IOL = –2 mA, Driver Enabled (1.5 V)
0
0.25×VDDO
VIH
High-level input voltage
0.65×VDDO
VDDO+0.3
V
VIL
Low-level input voltage
-0.3
0.35×VDDO
V
IIH, IIL
Receiver Only
Low/High Input Current
±170
µA
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
63
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com