Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 82Page - Texas Instruments TLK6002 Datasheet HTML 83Page - Texas Instruments TLK6002 Datasheet HTML 84Page - Texas Instruments TLK6002 Datasheet HTML 85Page - Texas Instruments TLK6002 Datasheet HTML 86Page - Texas Instruments TLK6002 Datasheet HTML 87Page - Texas Instruments TLK6002 Datasheet HTML 88Page - Texas Instruments TLK6002 Datasheet HTML 89Page - Texas Instruments TLK6002 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 4-3. Device Worst Case Total Power Dissipation
VDDQA/B, VDDRA/B, VDDO1/2/3 = 1.6V
VDDQA/B, VDDRA/B, VDDO1/2/3 = 1.9V
HSTL Input Termination
HSTL Input Termination
Serial Rate
Disabled
Half Strength
Full Strength
Disabled
Half Strength
Full Strength
(Gbps)
(6.1:0 = 2'b00)
(6.1:0 = 2'b01)
(6.1:0 = 2'b1x)
(6.1:0 = 2'b00)
(6.1:0 = 2'b01)
(6.1:0 = 2'b1x)
0.47
552
994
1322
674
1301
1775
0.6144
596
1024
1351
727
1348
1813
0.768
653
1067
1395
781
1395
1864
1.2288
677
1065
1371
834
1389
1842
1.536
750
1129
1443
906
1462
1889
2.4576
829
1162
1440
1032
1498
1898
3.072
917
1225
1499
1131
1574
1954
4.9512
975
1245
1507
1210
1612
1952
6.144
1046
1315
1562
1305
1690
2038
6.25
1057
1320
1580
1286
1696
2064
The test conditions for above data are: two channels active in transceiver mode, parallel/serial loopback
connections installed external to the device, CRPAT Long data pattern, all unlisted power supplies at
1.05V, and T=85C.
Device Errata:
If VDDQ power supply ramp leads DVDD, the following items must be noted:
1. Register 0x0F usage is not possible
2. CS_N/GPI1/SDI/SDO/DCI signals are not usable
3. Register 28.14 must be asserted manually for CLK_OUT_P/N normal operation
86
ELECTRICAL SPECIFICATIONS
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com