Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 18Page - Texas Instruments TLK6002 Datasheet HTML 19Page - Texas Instruments TLK6002 Datasheet HTML 20Page - Texas Instruments TLK6002 Datasheet HTML 21Page - Texas Instruments TLK6002 Datasheet HTML 22Page - Texas Instruments TLK6002 Datasheet HTML 23Page - Texas Instruments TLK6002 Datasheet HTML 24Page - Texas Instruments TLK6002 Datasheet HTML 25Page - Texas Instruments TLK6002 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
RXCLK_A
RDA_ [19:0 ]
Data
Data
Data
Data
Data
SourceCentered (DDR)
Source Aligned (DDR)
Data
Data
Data
Data
FallingEdge Aligned (RisingEdgeSampled)(SDR)
RisingEdge Aligned (FallingEdgeSampled )(SDR)
RDA_ [19:0]
RDA_ [19:0]
RDA_ [19:0]
tSETUP
tHOLD
tSETUP
tHOLD
TLK6002
SLLSE34 – MAY 2010
www.ti.com
2.7
16-bit DDR (Double Data Rate) Mode (8b/10b Encoder/Decoder Enabled)
When DDR is enabled with the 8b/10b encoder enabled, the data format is identical to that of "16-bit SDR
(Single Data Rate) Mode (8b/10b Encoder/Decoder Enabled)" mode, except that four symbols are
transferred per parallel interface clock cycle instead of two. See the referenced previous section for further
details.
2.8
Parallel Interface Clocking Modes
The TLK6002 supports source centered timing and source aligned DDR timing on the parallel receive
output bus. TLK6002 also supports rising edge aligned and falling edge aligned SDR timing on the parallel
receive output bus. See Figure 2-4 for more details.
Figure 2-4. Receive Interface Timing – Source Centered/Aligned (Channel A is shown).
The transmit input timing modes are shown in Figure 2-5.
Transmit SDR/DDR input timing modes supported are similar to RX modes.
22
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com