Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 51Page - Texas Instruments TLK6002 Datasheet HTML 52Page - Texas Instruments TLK6002 Datasheet HTML 53Page - Texas Instruments TLK6002 Datasheet HTML 54Page - Texas Instruments TLK6002 Datasheet HTML 55Page - Texas Instruments TLK6002 Datasheet HTML 56Page - Texas Instruments TLK6002 Datasheet HTML 57Page - Texas Instruments TLK6002 Datasheet HTML 58Page - Texas Instruments TLK6002 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Table 3-16. ARS_CONTROL_2
Address: 0x0B
Default: 0x7FFF
BIT(s)
NAME
DESCRIPTION
ACCESS
11.15:14
ARS_REF_FREQ[1:0]
Input reference clock frequency selection in ARS mode.
RW
00 = If input reference clock frequency is 122.88 MHz.
01 = If input reference clock frequency is 153.60 MHz. (Default 2’b01)
10 = Reserved
11 = If input reference clock frequency is 307.20 MHz.
11.13:6
ARS_SBR_ENABLE[7:0]
Control to enable rate determination through ARS for each of the 8 supported bit
RW
rates. ARS_SBR_ENABLE[7] for the highest serial bit rate and
ARS_SBR_ENABLE[0] for the lowest serial bit rate. Refer Table 2-6 for supported
serial bit rates.
11.5
RESERVED
For TI use only.
RW
11.4:0
ARS_INTERVAL[20:16]
5 MSB’s of 21 bit wide counter defined in terms of number of REFCLK cycles to
RW
determine amount of time that ARS state machine needs to stay in a particular
setting to achieve rate determination.
Wait time is calculated as ARS_INTERVAL[20:0] × 1024 REFCLK periods.
If ARS state machine does not achieve rate determination within the wait time
specified by this counter, ARS state machine will move into next lower serial rate
setting to achieve rate determination.
Table 3-17. ARS_CONTROL_3
Address: 0x0C
Default: 0xFFFF
BIT(s)
NAME
DESCRIPTION
ACCESS
12.15:0
ARS_INTERVAL[15:0]
16 LSB’s of 21 bit wide counter defined in terms of number of REFCLK cycles to
RW
determine amount of time that ARS state machine needs to stay in a particular
setting to achieve rate determination.
Wait time is calculated as ARS_INTERVAL[20:0] × 1024 REFCLK periods.
If ARS state machine does not achieve rate determination within the wait time
specified by this counter, ARS state machine will move into next lowest serial rate
setting to achieve rate determination.
Table 3-18. ARS_CONTROL_4
Address: 0x0D
Default: 0x3000
BIT(s)
NAME
DESCRIPTION
ACCESS
13.15
RESERVED
For TI use only.
RW
13.14
RESERVED
For TI use only.
13.13
RESERVED
For TI use only.
13.12
RESERVED
For TI use only.
13.11:0
RESERVED
For TI use only.
Table 3-19. ERROR_COUNTER
Address: 0x0E
Default: 0xFFFD
BIT(s)
NAME
DESCRIPTION
ACCESS
14.15:0
ERROR_COUNTER[15:0]
In functional mode if 8b/10b decoder is enabled, this counter reflects number of
COR
invalid code words (includes disparity errors) received by decoder.
In test pattern verification mode (7.12 = 1’b1), this counter reflects error count for the
test pattern selected through 7.10:8
When PRBS_EN pin is set, this counter reflects error count for selected PRBS
pattern. Counter value cleared to 16’h0000 when read.
Copyright © 2010, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
55
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com