Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 73Page - Texas Instruments TLK6002 Datasheet HTML 74Page - Texas Instruments TLK6002 Datasheet HTML 75Page - Texas Instruments TLK6002 Datasheet HTML 76Page - Texas Instruments TLK6002 Datasheet HTML 77Page - Texas Instruments TLK6002 Datasheet HTML 78Page - Texas Instruments TLK6002 Datasheet HTML 79Page - Texas Instruments TLK6002 Datasheet HTML 80Page - Texas Instruments TLK6002 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
TLK6002
www.ti.com
SLLSE34 – MAY 2010
RATE_RX[1:0], write 4’b1101 to 1.3:0 PLL_MULT[3:0] to select QUARTER rate and 20x MPY
(CHANNEL_CONTROL_1 = 0x01AD).
–
If serial data rate is 768.00Mbps: Write 2’b11 to 1.7:6 RATE_TX[1:0], write 2’b11 to 1.5:4
RATE_RX[1:0], write 4’b1110 to 1.3:0 PLL_MULT[3:0] to select EIGHTH rate and 25x MPY
(CHANNEL_CONTROL_1 = 0x01FE).
–
If serial data rate is 614.40Mbps: Write 2’b11 to 1.7:6 RATE_TX[1:0], write 2’b11 to 1.5:4
RATE_RX[1:0], write 4’b1101 to 1.3:0 PLL_MULT[3:0] to select EIGHTH rate and 20x MPY
(CHANNEL_CONTROL_1 = 0x01FD).
•
Serial Configuration
–
Configure the following bits per the desired application
•
1.9:8 (LOOP_BANDWIDTH[1:0])
•
2.12:8 (TWPOST1[4:0])
•
2.7:4 (TWPRE[3:0])
•
2.3:0 (SWING[3:0])
•
8.14:12 (EQPRE[2:0])
•
8.11:10 (CDRTHR[1:0]) = 2’b01
•
8.9:8 (CDRFMULT[1:0]) = 2’b00
•
Mode Control
–
Channel synchronization (comma enable) is on by default and the parallel output 10 bit codes are
byte aligned.
–
The default MDIO register settings should enable TBI SDR Falling Edge Aligned mode. To use a
different parallel IO align mode:
•
If SDR Rising Edge Aligned: write 0x0183 to CHANNEL_CONTROL_3 register.
•
If DDR Source Centered: write 0x01C0 to CHANNEL_CONTROL_3 register.
•
If DDR Source Aligned: write 0x01C3 to CHANNEL_CONTROL_3 register.
•
Enable desired status signals to LOSA and LOSB for real time monitoring per channel. Any number of
signals can be enabled at once.
–
If SERDES Rx Loss of Signal condition monitored: write 1’b1 to 6.10 LOS_OVERLAY.
–
If channel synchronization status monitored: write 1’b1 to 6.9 CH_SYNC_OVERLAY.
–
If PLL lock status monitored: write 1’b1 to 6.8 PLL_LOCK_OVERLAY.
–
If SERDES AGC unlock status monitored: write 1’b1 to 7.7 AGCLOCK_OVERLAY.
–
If SERDES AZDONE status monitored: write 1’b1 to 7.6 AZDONE_OVERLAY.
•
Check SERDES PLL Status for Locked State
–
Poll 5.0 PLL_LOCK (per channel) until it is asserted (high)
•
Toggle ENRX
–
Write 1’b0 to 20.2 (ENRX)
–
Write 1’b1 to 20.2 (ENRX)
•
Final CDR Configuration
–
Wait until either AGC_LOCKED asserted or 250M UI
–
Write 8.9:8 (CDRFMULT[1:0]) = 2’b01
–
Poll 5.13 AGC_LOCKED (1’b1) (per channel)
•
Issue Data path Reset
–
Write 1’b1 to 4.3 DATAPATH_RESET
•
Clear Latched Registers
–
Read 5 CHANNEL_STATUS_1 to clear (per channel)
•
Device provisioning has completed at this point
•
Periodically Check Device Operational Mode Status (Non-Errored Read Values Shown Below):
–
Read 5 CHANNEL_STATUS_1 and verify the following bits:
Copyright © 2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
77
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com