Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 19Page - Texas Instruments TLK6002 Datasheet HTML 20Page - Texas Instruments TLK6002 Datasheet HTML 21Page - Texas Instruments TLK6002 Datasheet HTML 22Page - Texas Instruments TLK6002 Datasheet HTML 23Page - Texas Instruments TLK6002 Datasheet HTML 24Page - Texas Instruments TLK6002 Datasheet HTML 25Page - Texas Instruments TLK6002 Datasheet HTML 26Page - Texas Instruments TLK6002 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
TXCLK _A
TDA_ [19:0]
Data
Data
Data
Data
SourceCentered (DDR)
Source Aligned (DDR)
Data
Data
Data
Data
FallingEdge Aligned (RisingEdgeSampled )(SDR)
RisingEdge Aligned (FallingEdgeSampled )(SDR)
TDA_ [19:0]
TDA_[19:0]
TDA_ [19:0]
tSETUP
tHOLD
tSETUP
tHOLD
Data
TLK6002
www.ti.com
SLLSE34 – MAY 2010
Figure 2-5. Transmit Interface Timing (Channel A is shown).
2.9
Scrambler and De-scrambler
TLK6002 incorporates a scrambling function located before the 8b/10b encoder in the transmit datapath,
and a de-scrambling function located after the 8b/10b decoder in the receive datapath. The scrambler and
de-scrambler can be enabled/disabled using the MDIO management serial interface.
The transmitter applies a 7-degree polynomial to data bytes (not control), and the inverse operation is
performed by the receiver.
The scrambler/descrambler should be disabled if the 8b/10b encoder/decoder is disabled.
To achieve randomness between transmitting lanes, transmitters can be programmed to have differing
scrambling offset. Each transmitter seed value is programmed into a register which will be used by that
transmitter. The user should program unique seed values for adjacent TX links.
The receivers also have their own de-scrambling seed value registers. The receiver’s de-scrambling seed
value must be programmed to be the same as the corresponding transmitting end of the link. There is no
training sequence for transmitting the seed values to the receiver.
The scrambler is a 7-degree polynomial, linear feedback shift register (LFSR). The polynomial is; (X7 + X6
+ 1). K28.1, K28.5, or K28.7 characters reset the LFSR to the seed value. The bit pattern repeats every
127 bits.
Copyright © 2010, Texas Instruments Incorporated
Description
23
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com