Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK6002 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLK6002
Description  Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK6002 Datasheet HTML 12Page - Texas Instruments TLK6002 Datasheet HTML 13Page - Texas Instruments TLK6002 Datasheet HTML 14Page - Texas Instruments TLK6002 Datasheet HTML 15Page - Texas Instruments TLK6002 Datasheet HTML 16Page - Texas Instruments TLK6002 Datasheet HTML 17Page - Texas Instruments TLK6002 Datasheet HTML 18Page - Texas Instruments TLK6002 Datasheet HTML 19Page - Texas Instruments TLK6002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
TLK6002
SLLSE34 – MAY 2010
www.ti.com
Table 2-2. Pin Description – Power Pins (continued)
Terminal
Type
Description
Signal
BGA
A7
A8
A9
A10
A11
A12
A13
A14
B7
B8
B9
B10
B11
B12
B13
B14
C7
C8
C9
C10
C11
C12
C13
C14
D7
D8
D9
D10
D11
D12
D13
E6
E7
E8
No
No Connect
NC
E9
Connect
These BGAs can be left unconnected in the application
E10
E11
E12
E13
F6
F7
F8
F9
F10
F11
F12
F13
G6
G7
G8
G9
G10
G11
G12
G13
H6
H7
H8
H9
H10
H11
H12
J8
J9
J10
J11
J12
J13
K7
Reserved
Reserved
NC33
N9
Input
This input pin should be connected to DVDD through a zero ohm resistor in the device application.
16
Description
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLK6002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com